Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSK-S15-12U Datasheet(PDF) 3 Page - CUI INC

Part # VSK-S15-12U
Description  AC-DC POWER SUPPLY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSK-S15-12U Datasheet(HTML) 3 Page - CUI INC

  VSK-S15-12U Datasheet HTML 1Page - CUI INC VSK-S15-12U Datasheet HTML 2Page - CUI INC VSK-S15-12U Datasheet HTML 3Page - CUI INC VSK-S15-12U Datasheet HTML 4Page - CUI INC VSK-S15-12U Datasheet HTML 5Page - CUI INC VSK-S15-12U Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
date 01/29/2013
│ page 3 of 6
CUI Inc
│ SERIES: VSK 15W │ DESCRIPTION: AC-DC POWER SUPPLY
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over current protection
110
%
short circuit protection
auto recovery with no damage from a short on any output
over voltage protection
3.3 V, 5 V output
9 V output
12 V, 15 V output
24 V output
48 V output
7.5
12
20
30
60
Vdc
Vdc
Vdc
Vdc
Vdc
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
primary to secondary (for 1 minute)
3,000
Vac
safety approvals
UL 60950-1, EN 60950-1
safety class
class II
EMI/EMC
EN55022 (level B), IEC/EN 61000-4-2 level 3 (6kV/8kV), IEC/EN 61000-4-3, IEC/EN 61000-4-4 level 3
(2kV), IEC/EN 61000-4-5 level 3 (1kV/2kV)
RoHS compliant
yes
MTBF
25°C
300,000
hrs
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
70
°C
storage temperature
-40
105
°C
case temperature
90
°C
operating humidity
non-condensing
85
%
DERATING CURVES
2. output power vs. ambient temperature
1. output power vs. input voltage
Ambient Temperature (°C)
100
80
60
50
40
20
Input Voltage (Vac)
100
80
60
50
40
20
70
85
100
125
210
225240
264
-40-30
-20-10
-500
50
60
70
Note:
When input is DC voltage, Vdc=1.414Vac-20Vdc.


Similar Part No. - VSK-S15-12U

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSK-S15-12U CUI-VSK-S15-12U Datasheet
335Kb / 6P
   AC-DC POWER SUPPLY
VSK-S15-12U CUI-VSK-S15-12U Datasheet
381Kb / 6P
   AC-DC POWER SUPPLY
VSK-S15-12U-T CUI-VSK-S15-12U-T Datasheet
242Kb / 5P
   AC-DC POWER SUPPLY
VSK-S15-12U-T CUI-VSK-S15-12U-T Datasheet
380Kb / 6P
   AC-DC POWER SUPPLY
06/10/2015
VSK-S15-12U-T CUI-VSK-S15-12U-T Datasheet
335Kb / 6P
   AC-DC POWER SUPPLY
06/10/2015
More results

Similar Description - VSK-S15-12U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com