Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSK-S3-5U Datasheet(PDF) 4 Page - CUI INC

Part # VSK-S3-5U
Description  AC-DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSK-S3-5U Datasheet(HTML) 4 Page - CUI INC

  VSK-S3-5U Datasheet HTML 1Page - CUI INC VSK-S3-5U Datasheet HTML 2Page - CUI INC VSK-S3-5U Datasheet HTML 3Page - CUI INC VSK-S3-5U Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
date
08/15/2012 │ page 4 of 4
CUI Inc
│ SERIES: VSK-S3 │ DESCRIPTION: AC-DC POWER SUPPLY
CUI offers a two (2) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
L
+V0
-V0
L
N
N
C1 C2
*FUS E
Tv s
RL
*NT C
MOV
C3
22
26
+
+
Figure1
L
+V0
-V0
L
N
N
C1 C2
*F USE
Tvs
RL
*NT C
MO V
NF
C8
C6
C7
C3
+
+
22
26
Figure 2
VSK-S3 EMC Filtering Circuit
TYPICAL APPLICATION CIRCUIT
EXTERNAL CAPACITORS TYPICAL VALUE (Unit: μF)
MODEL
C1
C2
C3
TVS
VSK-S3-3R3U
150
0.1
4.7/400V
P4KE6.8A
VSK-S3-5U
150
0.1
4.7/400V
P4KE6.8A
VSK-S3-9U
150
0.1
4.7/400V
P4KE12A
VSK-S3-12U
150
0.1
4.7/400V
P4KE20A
VSK-S3-15U
150
0.1
4.7/400V
P4KE20A
VSK-S3-24U
150
0.1
4.7/400V
P4KE30A
Notes:
1. Output filtering capacitors C1, C3 is electrolytic capacitors, It is recommended to use high frequency
and low impedance electrolytic capacitors. For capacitance and current of capacitor please refer to
manufacture’s datasheet. Voltage derating of apacitor should be 80% or above. C2, C4 is ceramic
capacitors , it is used to filter high frequency noise. TVS is a recommended component to protect
post-circuits (when converter fails).
2. MOV is required for VSK-S3 models. Model: 471KD05, it is used to protect the device under surge.
3. It is recommended to connect FUSE, the parameter is 0.5A/250V slow blow. External input NTC is
recommended to use D -14 or 10Ω/2W wire-round resistor.
4. If EMC performance is required, recommended to add “EMC filter” at the input end(see figure 2)
C6:X capacitor, recommended parameter 0.1uF/275V; C7,C8:Y capacitor, recommended parameter
220pF/275V; NF: common model choke, recommended inductance is about 10mH-30mH.
5. Terminals 22 and 26 are internal rectification and filtering terminals. To protect the models further, it
is recommended to connect an electrolytic capacitor C3 (it is recommended to be 4.7uF/400V). If
operation voltage of the module is between 160~264VAC, C3 can be removed.
rev.
description
date
1.0
initial release
02/27/2009
1.01
new template applied
04/10/2012
1.02
V-Infinity branding removed
08/15/2012
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY


Similar Part No. - VSK-S3-5U

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSK-S3-5U CUI-VSK-S3-5U Datasheet
419Kb / 4P
   ac-dc converter
VSK-S3-5U CUI-VSK-S3-5U Datasheet
293Kb / 5P
   AC-DC POWER SUPPLY
More results

Similar Description - VSK-S3-5U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com