Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VPOL5A-5-SMT Datasheet(PDF) 6 Page - CUI INC

Part # VPOL5A-5-SMT
Description  point of load converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPOL5A-5-SMT Datasheet(HTML) 6 Page - CUI INC

Back Button VPOL5A-5-SMT_10 Datasheet HTML 2Page - CUI INC VPOL5A-5-SMT_10 Datasheet HTML 3Page - CUI INC VPOL5A-5-SMT_10 Datasheet HTML 4Page - CUI INC VPOL5A-5-SMT_10 Datasheet HTML 5Page - CUI INC VPOL5A-5-SMT_10 Datasheet HTML 6Page - CUI INC VPOL5A-5-SMT_10 Datasheet HTML 7Page - CUI INC VPOL5A-5-SMT_10 Datasheet HTML 8Page - CUI INC VPOL5A-5-SMT_10 Datasheet HTML 9Page - CUI INC VPOL5A-5-SMT_10 Datasheet HTML 10Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
rev.
page
date
DESCRIPTION: point of load converter
6of 11
09/2010
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
www.cui.com
fax 503.612.2383
PART NUMBER: VPOL5A-5-SMT
Figure 3. Positive Remote On/Off Input Drive Circuit
Q1
ON/OFF
Control
+Vin
Remote ON/OFF
Common
Common
+Vo
VPOL5A-5-SMT
Figure 4. Negative Remote On/Off Input Drive Circuit
5.7 UVLO (Under-Voltage Lockout)
The voltage on the Vcc pin determines the start of the operation of the
Converter. When the input Vcc rises and exceeds about 2.0V the
converter initiates a soft start. The UVLO function in the converter has a
hysteresis (about 100mV) built in to provide noise immunity at start-up.
6. Safety
6.1 Input Fusing and Safety Considerations.
Agency Approvals: The power Supply shall be submitted to and receive
formal approval from the following test agencies.
1.The power supply shall be approved by a nationally recognized testing
laboratory to UL/CSA 60950 3
rd Edition (North America) and EN60950
(International)
2. CB Certificate from an internationally recognized test house in
accordance with EN 60950.
The VPOL5A-5-SMT series converters do not have an internal fuse.
However, to achieve maximum safety and system protection, always
use an input line fuse. The safety agencies require a time-delay fuse
with a maximum rating of 10A.
7. Applications
7.1 Layout Design Challenges.
In optimizing thermal design the PCB is utilized as a heat sink. Also
some heat is transferred from the SMT module to the main board through
connecting pins. The system designer or the end user must ensure that
other components and metal in the vicinity of the
VPOL5A-5-SMT series meet the spacing requirements to which the
system is approved.
Low resistance and low inductance PCB layout traces are the norm and
should be used where possible. Due consideration must also be given to
proper low impedance tracks between power module, input and output
grounds. The recommended SMT footprint as shown as figure 5.
PAD SIZE
MIN : 0.120" x 0.095 "
MAX : 0.135" x 0.110 "
Dimensions are in Inches ( millimetes )
Recommended Pad Layout
0.340
0.180
0.160
0.160
0.190
0.350
0.690
0.05
VOUT
TRIM
GND
VIN
ON/OFF
(4.57)
(4.06)
(4.06)
(4.83)
0.06
(1.5)
(1.3)
(17.53)
(8.89)
0.010
(0.25)
(8.64)
Figure 5. Recommended SMT Footprint (Top View)
Q1
VPOL5A-5-SMT
ON/OFF
Control
+Vin
+Vo
Remote ON/OFF
Common
Common


Similar Part No. - VPOL5A-5-SMT_10

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL5A-5-SMT CUI-VPOL5A-5-SMT Datasheet
270Kb / 11P
   point of load converter
More results

Similar Description - VPOL5A-5-SMT_10

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
   point of load converter
VPOL10A-12W-SIP CUI-VPOL10A-12W-SIP Datasheet
562Kb / 13P
   point of load converter
VPOL15A-5-SMT CUI-VPOL15A-5-SMT Datasheet
256Kb / 11P
   point of load converter
VPOL20A-12W-SIP CUI-VPOL20A-12W-SIP Datasheet
685Kb / 14P
   point of load converter
VPOL5A-12-SMT CUI-VPOL5A-12-SMT_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
11/02/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
10/14/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP Datasheet
449Kb / 10P
   point of load converter
VPOL5A-5-SMT CUI-VPOL5A-5-SMT Datasheet
270Kb / 11P
   point of load converter
VPOL10A-12W-SMT CUI-VPOL10A-12W-SMT Datasheet
656Kb / 14P
   point of load converter
VPOL15A-5-SIP CUI-VPOL15A-5-SIP Datasheet
268Kb / 12P
   point of load converter
VPOL16A-12-SMT CUI-VPOL16A-12-SMT Datasheet
267Kb / 12P
   point of load converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com