Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

261403B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 261403B
Description  220.5 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

261403B Datasheet(HTML) 1 Page - Integrated Technology Future

  261403B Datasheet HTML 1Page - Integrated Technology Future 261403B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
220.5 MHz SAW Filter
Part Number 261403B
Tel: 82-32-621-1213
2013. 03. 27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
1. Features
Typical 1dB bandwidth of 14.1 MHz
High attenuation
Single Ended Operation
Dual In-line Package (DIP)
2. Electrical Specifications
Source and Load Impedance = 50
Room Temperature : +25℃
Minimum
Typical
Maximum
Center Frequency (fo)
MHz
-
220.5
-
Insertion Loss
dB
-
25.1
27.0
1 dB Bandwidth
MHz
14.0
14.16
-
3dB Bandwidth
MHz
-
14.56
-
20dB Bandwidth
MHz
-
15.71
-
40dB Bandwidth
MHz
-
16.27
16.4
Amplitude Ripple (fo ± 6.75 MHz)
dB
-
0.5
1.0
Group Delay Variation (fo ± 6.75 MHz)
nsec
-
40
100
Absolute Delay
usec
-
2.19
-
Ultimate Rejection
dB
50
53
-
Maximum input Power
dBm
-
-
10
Temperature Coefficient of Frequency
ppm/℃
-18
D2012 Package Dimension
Matching Schematic
L1 = 22nH, L2 = 18nH, C1 = 27pF, C2 = 33pF
Pin Configuration
Input
1
Ground
2,4
12.7±0.5
5.5max 6.0max
7.6±0.2
Dimensions shown are nominal in millimeters
Base : Fe(SPCC), Au plating over Ni plated
Cap : Cu & Cr Alloy, Ni Plated
Termination : Kovar, Au Plated
Output
5
Others
Ground
C2
C1
L2
L1
Input
50Ω
Output
50Ω
1
1
1
1
5
5
5
5


Similar Part No. - 261403B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
26140 ETC2-26140 Datasheet
313Kb / 1P
   Wiha Soft Grip PicoFinish Precision Screwdrivers
logo
Wurth Elektronik GmbH &...
2614011037000 WURTH-2614011037000 Datasheet
625Kb / 7P
   WIRL-POSI Erinome-I GPS-GLOGAL- BDS GNSS module T&R
003.000
logo
Integrated Technology F...
261401B ITF-261401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
logo
Wurth Elektronik GmbH &...
2614021137000 WURTH-2614021137000 Datasheet
636Kb / 7P
   WIRL-POSI Erinome-II GPS-GLOGAL- BDS GNSS module T&R
001.001
2614021137000 WURTH-2614021137000 Datasheet
116Kb / 2P
   1575 / 1610 MHz Antenna
More results

Similar Description - 261403B

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com