Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKG204M5 Datasheet(PDF) 4 Page - General Semiconductor

Part # DKG204M5
Description  NTC Diode Thermometrics Thermistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

DKG204M5 Datasheet(HTML) 4 Page - General Semiconductor

  DKG204M5 Datasheet HTML 1Page - General Semiconductor DKG204M5 Datasheet HTML 2Page - General Semiconductor DKG204M5 Datasheet HTML 3Page - General Semiconductor DKG204M5 Datasheet HTML 4Page - General Semiconductor DKG204M5 Datasheet HTML 5Page - General Semiconductor DKG204M5 Datasheet HTML 6Page - General Semiconductor DKG204M5 Datasheet HTML 7Page - General Semiconductor DKG204M5 Datasheet HTML 8Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Type GE
Specifications
Glass encapsulated DO-35 package
Options
• For reel taping “R” suffix
• Nickel leads for welding
• Other resistances in the range 250 Ω to 5 MΩ
• Other tolerances, tolerances at other temperatures
• Alternative leads lengths, lead materials
• Can be expanded to 572°F (300°C) with nickel leads
Ro@25° C
(W )
Material System
Beta 25/85
Type Number
250
GE5.5*
2983
AL03006-165.9-55-K
500
GE5.5*
2983
AL03006-331.8-55-K
1K
GE7.3
3499
AL03006-624-73-K
2K
GE7.3
3499
AL03006-1248-73-K
2786
GE10.1
4102
AL03006-1576-101-K
3K
GE7.6
3553
AL03006-1847-76-K
4K
GE7.6
3553
AL03006-2463-76-K
5K
GE7.6
3553
AL03006-3079-76-K
10K
GE9.7A
3992
AL03006-5818-97-K
20K
GE9.8
3974
AL03006-11.7K-98-K
30K
GE9.8
3974
AL03006-17.53K-98-K
50K
GE9.7B
3952
AL03006-29.1K-97-K
100K
GE9.7B
3952
AL03006-58.2K-97-K
200K
GE12.3
4365
AL03006-111.3K-123-K
500K
GE13.8
4567
AL03006-269.8K-138-K
1M
GE14.5
4661
AL03006-535K-145-K
5M
GE16.4
4848
AL03006-2.6M-164-K
*maximum operating temperature 302°F (150°C)
Data
• Standard resistance tolerance: ±10% @ 77°F
(25°C)
• Dissipation constant: 3.0 mW/K
• Time constant: 7 seconds
• Operating range: -58°F to 400°F (-50°C to
204°C
NTC Type GE dimensions
Tinned AWG 24
0.155 in
(3.93 mm)
maximum
1.15 in (29.2 mm)
± 0.1
1.15 in (29.2 mm)
± 0.1
Ø 0.075 in
(1.9 mm)
maximum


Similar Part No. - DKG204M5

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
DKG204M5 AMPHENOL-DKG204M5 Datasheet
95Kb / 8P
   Thermometrics
More results

Similar Description - DKG204M5

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
03006-111.3K-123-G100 GE-03006-111.3K-123-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-5818-97-G100 GE-03006-5818-97-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-29.1K-97-G100 GE-03006-29.1K-97-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-11.7K-98-G100 GE-03006-11.7K-98-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-269.8K-138-G100 GE-03006-269.8K-138-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-535K-145-G100 GE-03006-535K-145-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
logo
List of Unclassifed Man...
DKF104N5 ETC2-DKF104N5 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
logo
General Semiconductor
03006-17.53K-98-G100 GE-03006-17.53K-98-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
logo
Amphenol Corporation
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
   Thermometrics Thermistors
logo
List of Unclassifed Man...
DC95G104V ETC2-DC95G104V Datasheet
178Kb / 4P
   Thermometrics Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com