Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ0402Y102KEQAC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJ0402Y102KEQAC
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402Y102KEQAC Datasheet(HTML) 1 Page - Vishay Siliconix

  VJ0402Y102KEQAC Datasheet HTML 1Page - Vishay Siliconix VJ0402Y102KEQAC Datasheet HTML 2Page - Vishay Siliconix VJ0402Y102KEQAC Datasheet HTML 3Page - Vishay Siliconix VJ0402Y102KEQAC Datasheet HTML 4Page - Vishay Siliconix VJ0402Y102KEQAC Datasheet HTML 5Page - Vishay Siliconix VJ0402Y102KEQAC Datasheet HTML 6Page - Vishay Siliconix VJ0402Y102KEQAC Datasheet HTML 7Page - Vishay Siliconix VJ0402Y102KEQAC Datasheet HTML 8Page - Vishay Siliconix VJ0402Y102KEQAC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 06-May-13
1
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Multilayer Ceramic Chip Capacitors
for Commercial Applications
FEATURES
• C0G (NP0) and X7R/X5R dielectrics offered
• C0G (NP0) is an ultra-stable dielectric
offering a very low Temperature Coefficient
of Capacitance (TCC)
• C0G (NP0) offers low dissipation
• Excellent aging characteristics
• Ideal for decoupling and filtering (X7R)
• Ideal for surge suppression and high voltage
applications
• Wide range of case sizes, voltage ratings and capacitance
values
• Wet build process
• Reliable Noble Metal Electrode (NME) system
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Timing and tuning circuits
• Sensor and scanner applications
• Decoupling and filtering
• Surge suppression
ELECTRICAL SPECIFICATIONS

C0G (NP0) DIELECTRIC
GENERAL SPECIFICATION
Note
Electrical characteristics at + 25 °C unless otherwise specified
Operating Temperature: - 55 °C to + 150 °C
(above + 125 °C changed characteristics)
Capacitance Range: 1 pF to 56 nF
Voltage Range: 25 VDC to 1000 VDC
Temperature Coefficient of Capacitance (TCC):
0 ppm/°C ± 30 ppm/°C from - 55 °C to + 125 °C
Dissipation Factor (DF):
0.1 % maximum at 1.0 VRMS and 
1 MHz for values
 1000 pF
0.1 % maximum at 1.0 VRMS and 
1 kHz for values > 1000 pF
Insulating Resistance:
At + 25 °C 100 000 M
 min. or 1000 F whichever is less
At + 125 °C 10 000 M
 min. or 100 F whichever is less
Aging Rate: 0 % maximum per decade
Dielectric Strength Test:
Performed per method 103 of EIA 198-2-E
Applied test voltages
200 VDC-rated:
250 % of rated voltage
500 VDC-rated:
200 % of rated voltage
630 VDC,1000 VDC-rated:
150 % of rated voltage
X5R, X7R DIELECTRIC
GENERAL SPECIFICATION
Note
Electrical characteristics at + 25 °C unless otherwise specified
Operating Temperature: - 55 °C to + 150 °C
(X5R above + 85 °C changed characteristics)
(X7R above + 125 °C changed characteristics)
Capacitance Range: 120 pF to 6.8 μF
Voltage Range:
10 VDC to 1000 VDC
Temperature Coefficient of Capacitance (TCC):
X5R: ± 15 % from - 55 °C to + 85 °C, with 0 VDC applied
X7R: ± 15 % from - 55 °C to + 125 °C, with 0 VDC applied
Dissipation Factor (DF):
10 V ratings: 5 % maximum at 1.0 VRMS and 1 kHz
16 V/25 V ratings: 3.5 % maximum at 1.0 VRMS and 1 kHz
> 25 V ratings: 2.5 % maximum at 1.0 VRMS and 1 kHz
Insulating Resistance:
At + 25 °C 100 000 M
 min. or 1000 F whichever is less
At + 125 °C 10 000 M
 min. or 100 F whichever is less
Aging Rate: 1 % maximum per decade
Dielectric Strength Test:
Performed per method 103 of EIA 198-2-E.
Applied test voltages
 250 V
DC-rated:
250 % of rated voltage
500 VDC-rated:
min. 150 % of rated voltage
630 VDC, 1000 VDC-rated:
150 % of rated voltage


Similar Part No. - VJ0402Y102KEQAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402Y102KEQAO34 VISHAY-VJ0402Y102KEQAO34 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
More results

Similar Description - VJ0402Y102KEQAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com