Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQY214SX Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AQY214SX
Description  Miniature SOP4-pin type of 60V/350V/400V load voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQY214SX Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AQY214SX Datasheet HTML 1Page - Panasonic Semiconductor AQY214SX Datasheet HTML 2Page - Panasonic Semiconductor AQY214SX Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GU SOP 1 Form A (AQY21S)
3
ds_x615_en_aqy21s: 011212J
4. Turn off time vs. ambient temperature
characteristics
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
5. LED operate current vs. ambient
temperature characteristics
Sample: All types; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
6. LED turn off current vs. ambient
temperature characteristics
Sample: All types; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
0.1
0.2
0.3
0.4
-40
-20
020
40
60
80 85
AQY214S, AQY210S
0.5
AQY212S
Ambient temperature,
°C
0
1
2
3
4
-40
5
0
-20
20
40
60
8085
Ambient temperature,
°C
0
1
2
3
4
-40
5
0
-20
20
40
60
80 85
Ambient temperature,
°C
7. LED dropout voltage vs. ambient
temperature characteristics
Sample: All types; LED current: 5 to 50 mA
8-(1). Current vs. voltage characteristics of
output at MOS portion
Measured portion: between terminals 3 and 4;
Ambient temperature: 25
C 77F
8-(2). Current vs. voltage characteristics of
output at MOS portion
Measured portion: between terminals 3 and 4;
Ambient temperature: 25
C 77F
0
-20
-40
20
40
60
8085
1.5
1.4
1.3
1.2
1.1
1.0
0
50mA
30mA
20mA
10mA
5mA
Ambient temperature,
°C
5
3
-5
-3
-1
-100
-60
-20
100
60
20
40
80
-40
-80
-2
-4
24
AQY210S
AQY214S
1
Voltage, V
0
AQY212S
-0.5
0.5
1
-1
0
-0.4
-0.6
-0.2
0.6
0.4
0.2
Voltage, V
9. Off state leakage current vs. load voltage
characteristics
Measured portion: between terminals 3 and 4;
Ambient temperature: 25
C 77F
10.Turn on time vs. LED forward current
characteristics
Measured portion: between terminals 3 and 4;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
C 77F
11.Turn off time vs. LED forward current
characteristics
Measured portion: between terminals 3 and 4;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
C 77F
0
60
100
10
-3
10
-6
10
-9
10
-12
20
40
80
AQY214S, AQY210S
AQY212S
Load voltage, V
0
0.2
0.4
0.6
0.8
1.0
10
020
30
40
50
60
AQY214S, AQY210S
1.2
AQY212S
LED forward current, mA
0
0.02
0.04
0.08
0.06
10
020
30
40
0.10
50
0.12
60
AQY214S
AQY210S
AQY212S
LED forward current, mA
12.Output capacitance vs. applied voltage
characteristics
Measured portion: between terminals 3 and 4;
Frequency: 1 MHz; Ambient temperature: 25
C 77F
0
50
100
10
20
30
40
50
150
200
0
AQY214S, AQY210S
AQY212S
Applied voltage, V


Similar Part No. - AQY214SX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY214SX NAIS-AQY214SX Datasheet
37Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
More results

Similar Description - AQY214SX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW212S PANASONIC-AQW212S Datasheet
75Kb / 3P
   Miniature SOP8-pin type of 60V/350V/400V load voltage Industrial robots
AQY221R2S PANASONIC-AQY221R2S Datasheet
88Kb / 5P
   Miniature SOP4-pin with C횞R10 40V load voltage
AQV414 PANASONIC-AQV414 Datasheet
76Kb / 3P
   Normally closed 6-pin type of 400V load voltage Measuring instruments
AQW223R2S PANASONIC-AQW223R2S Datasheet
73Kb / 3P
   Miniature SOP8-pin type featuring low CxR with high load voltage of 250V
AQW212 PANASONIC-AQW212 Datasheet
78Kb / 3P
   Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
AQV227N PANASONIC-AQV227N Datasheet
91Kb / 5P
   DIP6-pin type featuring low on-resistance with 200V/400V load voltage
logo
Coto Technology
CT331 COTO-CT331 Datasheet
335Kb / 2P
   Contact Form: 2a Load Voltage: 350V Maximum
CT131 COTO-CT131 Datasheet
366Kb / 2P
   Contact Form: 1a Load Voltage: 350V Maximum
logo
Fairchild Semiconductor
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
logo
Coto Technology
CT474 COTO-CT474 Datasheet
366Kb / 2P
   Contact Form: 1b Load Voltage: 400V Maximum
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com