Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JW030B-M Datasheet(PDF) 4 Page - General Semiconductor

Part # JW030B-M
Description  JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

JW030B-M Datasheet(HTML) 4 Page - General Semiconductor

  JW030B-M Datasheet HTML 1Page - General Semiconductor JW030B-M Datasheet HTML 2Page - General Semiconductor JW030B-M Datasheet HTML 3Page - General Semiconductor JW030B-M Datasheet HTML 4Page - General Semiconductor JW030B-M Datasheet HTML 5Page - General Semiconductor JW030B-M Datasheet HTML 6Page - General Semiconductor JW030B-M Datasheet HTML 7Page - General Semiconductor JW030B-M Datasheet HTML 8Page - General Semiconductor JW030B-M Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
44
Lineage Power
Data Sheet
March 26,2008
36 Vdc to 75 Vdc Inputs; 30 W
JW030-Series Power Modules:
Table 3. Isolation Specifications
General Specifications
Dynamic Response
(ýIO/ýt = 1 A/10 µs, VI = 48 V,
TC = 25 °C; see Figures 15 and 18.):
Load Change from IO = 50% to 75%
of IO, max:
Peak Deviation
Settling Time
(VO < 10% peak deviation)
Load Change from IO = 50% to 25%
of IO, max:
Peak Deviation
Settling Time
(VO < 10% of peak deviation)
JW030D-M, F-M, G-M
JW030A-M, B-M, C-M
All
JW030D-M, F-M, G-M
JW030A-M, B-M, C-M
All
5
2
0.5
5
2
0.5
%VO, set
%VO, set
ms
%VO, set
%VO, set
ms
Parameter
Min
Typ
Max
Unit
Isolation Capacitance
0.02
pF
Isolation Resistance
10
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO = 80% of IO, max; TC = 40 °C)
3,000,000
hours
Weight
113 (4.0)
g (oz.)
Parameter
Device Code or
Code Suffix
Symbol
Min
Typ
Max
Unit
Electrical Specifications (continued)
Table 2. Output Specifications (continued)


Similar Part No. - JW030B-M

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JW0-0006 PULSE-JW0-0006 Datasheet
288Kb / 7P
   Integrated Connector Module
JW0-0006NL PULSE-JW0-0006NL Datasheet
286Kb / 7P
   RJ45/Dual USB Combo
JW0-0006NL PULSE-JW0-0006NL Datasheet
788Kb / 4P
   CONN,RJ45/USB,1GD,1:!,TY
JW0-0009 PULSE-JW0-0009 Datasheet
286Kb / 7P
   RJ45/Dual USB Combo
JW0-0009 PULSE-JW0-0009 Datasheet
288Kb / 7P
   Integrated Connector Module
More results

Similar Description - JW030B-M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
   JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LW020G GE-LW020G Datasheet
426Kb / 16P
   LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com