Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLR05C3302FMRE61 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RLR05C3302FMRE61
Description  Metal Film Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RLR05C3302FMRE61 Datasheet(HTML) 1 Page - Vishay Siliconix

  RLR05C3302FMRE61 Datasheet HTML 1Page - Vishay Siliconix RLR05C3302FMRE61 Datasheet HTML 2Page - Vishay Siliconix RLR05C3302FMRE61 Datasheet HTML 3Page - Vishay Siliconix RLR05C3302FMRE61 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ERL (Military RLR)
www.vishay.com
Vishay Dale
Revision: 19-Nov-12
1
Document Number: 31023
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metal Film Resistors, Military/Established Reliability,
MIL-PRF-39017 Qualified, Type RLR
FEATURES
• Meets requirements of MIL-PRF-39017
• Failure rate: Verified failure rate (contact factory for current
level)
• Epoxy coated construction provides superior moisture
protection
• Traceability of materials and processing
• Monthly lot acceptance testing
• Very low noise (- 40 dB)
• Extensive stocking program at distributors and factory in
± 1 % and ± 2 % tolerances
• Vishay Dale has complete capability to develop specific
reliability programs designed to customer requirements
Notes
(1) Extended Resistance Range: DSCC has created a series of drawings intended to support extended resistance ranges left otherwise void by
the discontinuation of MIL-R-39008 RCR carbon composition resistors. Vishay Dale is listed as a resource on these drawings as follows:
• Low inductance: DSCC has created a drawing intended to support a resistor which exhibits low inductance over a frequency range of 1 MHz
to 30 MHz. Vishay Dale is listed as a resource on these drawings as follows:
These drawings can be viewed at: http://www.landandmaritime.dla.mil/Programs/MilSpec/ListDwgs.aspx?DocTYPE=DSCCdwg
(2) Consult factory for current QPL failure rates
(3) Hot solder dipped leads
(4) Continuous working voltage shall be
or maximum working voltage, whichever is less.
STANDARD ELECTRICAL SPECIFICATIONS
VISHAY
DALE
MODEL
MIL-PRF-39017
STYLE
MIL
SPEC.
SHEET
POWER
RATING
70 °C
W
RESISTANCE
RANGE (1)
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
MAXIMUM
WORKING
VOLTAGE (4)
V
LIFE
FAILURE
RATE (2)
ERL05,
ERL05..19 (3)
RLR05
05
0.125
4.7 to 301K
1, 2
100
200
M, P, R, S
302K to 1M
M, P, R
ERL07,
ERL07..23 (3)
RLR07
01
0.25
1 to 9.76
1, 2
100
250
M
10 to 3.01M
M, P, R, S
3.02M to 10M
M, P, R
ERL20,
ERL20..11 (3)
RLR20
02
0.50
4.3 to 3.01M
1, 2
100
350
M, P, R
ERL32,
ERL32..1 (3)
RLR32
03
1.0
1 to 2.7M
1, 2
100
500
M, P, R
DSCC
DRAWING
NUMBER
VISHAY DALE
MODEL
POWER RATING
P70 °C
W
RESISTANCE
RANGE
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
MAXIMUM
WORKING
VOLTAGE
V (4)
98020
ERL05..36, ERL05..37 (3)
0.125
1.1M to 22M
2, 5, 10
350
200
99011
ERL07..100, ERL07..101 (3)
0.25
11M to 22M
2, 5, 10
350
250
98021
ERL20..36, ERL20..37 (3)
0.50
3.3M to 22M
2, 5, 10
350
350
98022
ERL32..36, ERL32..37 (3)
1.0
3M to 22M
2, 5, 10
350
350
97004
ERL62..1, ERL62..2 (3)
2.0
10 to 2.7M
3M to 22M
1, 2, 5, 10
100
350
500
DSCC
DRAWING
NUMBER
VISHAY DALE
MODEL
POWER
RATING
P70 °C
W
RESISTANCE
RANGE
MAXIMUM
INDUCTANCE
nH
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
MAXIMUM
WORKING
VOLTAGE
V (4)
96002
ERL07..62
0.25
1 to 10
10
1, 2
100
250
11 to 49.9
8
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CONDITION
Voltage Coefficient, max.
ppm/V
5/V when measured between 10 % and full rated voltage
Dielectric Strength
VAC
RLR05 = 300; RLR07 and RLR20 = 500; RLR32 = 1000
Insulations Resistance
 109 min. dry;  1011 min. after moisture test
Operating Temperature Range
°C
- 65 to + 150
Terminal Strength
lb
2 lb pull test on RLR05; 5 lb pull test on all other sizes
Solderability
Continuous satisfactory coverage when tested in accordance with MIL-STD-202, Method 208
Weight
g
RLR05 = 0.11; RLR07 = 0.35; RLR20 = 0.75; RLR32 = 1.50
P x R


Similar Part No. - RLR05C3302FMRE61

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR05C4753FRB14 VISHAY-RLR05C4753FRB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability,MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
logo
List of Unclassifed Man...
RLR05C5101GS ETC2-RLR05C5101GS Datasheet
154Kb / 3P
   Established Reliability Mil-Qualified MEtal Glaze Resistor
More results

Similar Description - RLR05C3302FMRE61

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
   Metal Film Resistors
logo
Vishay Siliconix
RN50 VISHAY-RN50 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
logo
UNIOHM CORPORATION
MF-12 UNIOHM-MF-12 Datasheet
4Mb / 3P
   Metal Film Resistors
logo
MERITEK ELECTRONICS COR...
MF25F1003FTR MERITEK-MF25F1003FTR Datasheet
169Kb / 1P
   Metal Film Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com