Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH620A-3X001 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SFH620A-3X001
Description  Optocoupler, Phototransistor Output, AC Input
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH620A-3X001 Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH620A-3X001 Datasheet HTML 1Page - Vishay Siliconix SFH620A-3X001 Datasheet HTML 2Page - Vishay Siliconix SFH620A-3X001 Datasheet HTML 3Page - Vishay Siliconix SFH620A-3X001 Datasheet HTML 4Page - Vishay Siliconix SFH620A-3X001 Datasheet HTML 5Page - Vishay Siliconix SFH620A-3X001 Datasheet HTML 6Page - Vishay Siliconix SFH620A-3X001 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 83675
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 1.9, 23-Feb-11
5
SFH620A, SFH6206
Optocoupler, Phototransistor Output,
AC Input
Vishay Semiconductors
Fig. 8 - Permissible Diode Forward Current vs.
Ambient Temperature
PACKAGE DIMENSIONS in millimeters
0
30
60
90
120
0
50
100
75
25
isfh620a_07
Ptot = f (TA)
T
A (°C)
i178027
6.48
6.81
1
2
4
3
4.55
4.83
Pin one ID
0.76
1.14
typ.
2.54
3.30
3.81
0.508
0.89
10°
0° to 15°
0.46
0.56
0.2
0.3
0.79 typ.
1.27 typ.
7.62 typ.
2.79
3.30
5.84
6.35
1.27
ISO method A


Similar Part No. - SFH620A-3X001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH620A-3X001 VISHAY-SFH620A-3X001 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 2.3, 31-Aug-15
SFH620A-3X001 VISHAY-SFH620A-3X001 Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
More results

Similar Description - SFH620A-3X001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
SFH620A VISHAY-SFH620A_15 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 2.3, 31-Aug-15
TCET2600 VISHAY-TCET2600_10 Datasheet
167Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 10-Dec-10
SFH620A VISHAY-SFH620A_05 Datasheet
400Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 01-Dec-05
SFH620A VISHAY-SFH620A_V01 Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
K814P VISHAY-K814P_V02 Datasheet
184Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_05 Datasheet
195Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.8, 01-Dec-05
K814P VISHAY-K814P_04 Datasheet
262Kb / 9P
   Optocoupler, Phototransistor Output, AC input
Rev. 1.8, 26-Oct-04
TCET1600 VISHAY-TCET1600_10 Datasheet
156Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 10-Dec-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com