Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RWR74S49R9BPB12 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RWR74S49R9BPB12
Description  Wirewound Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RWR74S49R9BPB12 Datasheet(HTML) 3 Page - Vishay Siliconix

  RWR74S49R9BPB12 Datasheet HTML 1Page - Vishay Siliconix RWR74S49R9BPB12 Datasheet HTML 2Page - Vishay Siliconix RWR74S49R9BPB12 Datasheet HTML 3Page - Vishay Siliconix RWR74S49R9BPB12 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RWR Military
www.vishay.com
Vishay Dale
Revision: 30-Mar-12
3
Document Number: 30203
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MATERIAL SPECIFICATIONS
Element: Copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: Ceramic, beryllium oxide (1), steatite or alumina,
depending on power requirement
Coating: Special high temperature silicone
Terminal and Winding: The terminal and the winding are
identified by a letter symbol in the military type designation.
Military symbol:
S = Solderable, inductively wound
W = Weldable, inductively wound
N = Solderable, non-inductively wound
Z = Weldable, non-inductively wound
Terminals: Solderable - Tinned Copperweld®
Weldable - bare nickel per MIL-STD-1276, Type N-1
End Caps: Stainless steel
Part Marking: Source code, JAN, military PIN, date/lot code
Note
(1) RWR82S and RWR82N: Core consists of beryllium oxide
ceramic
DERATING
Note
(2)
For resistance values above 100
, test limit is ± 1.0 %.
AMBIENT TEMPERATURE IN °C
25
0
20
40
60
80
100
120
- 65 - 50
0
50
150
250
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
MIL-STD-202, method 107
± (0.2 % + 0.005
) R
Short Time Overload
5 x rated power (RWR71, RWR80, RWR81, RWR89, RWR82),
10 x rated power (RWR74, RWR78, RWR84) for 5 s
± (0.2 % + 0.005
) R
Dielectric Withstanding Voltage
500 Vrms (RWR80, RWR81, RWR82),
1000 Vrms (RWR71, RWR74, RWR78, RWR84, RWR89), 1 min duration
± (0.1 % + 0.005
) R
Low Temperature Storage
- 55 °C for 24 h
± (0.1 % + 0.005
) R
High Temperature Exposure
250 °C for 2000 h
± (1.0 % + 0.005
) R (2)
Moisture Resistance
MIL-STD-202, method 106
± (0.2 % + 0.005
) R
Shock, Specified Pulse
MIL-STD-202, method 213, condition I
± (0.1 % + 0.005
) R
Vibration, High Frequency
MIL-STD-202, method 204, condition D
± (0.1 % + 0.005
) R
Load Life
2000 h at rated power, + 25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (0.5 % + 0.005
) R
Extended Life
10 000 h at rated power, + 25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.005
) R
Terminal Strength
MIL-STD-202, method 211, condition A and C
5 pound (RWR80, RWR81, RWR82),
10 pound (RWR71, RWR74, RWR78, RWR84, RWR89)
± (0.1 % + 0.005
) R


Similar Part No. - RWR74S49R9BPB12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWR74S49R9BPB12 VISHAY-RWR74S49R9BPB12 Datasheet
184Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, Up to S Level, Axial Lead
01-Jan-2022
More results

Similar Description - RWR74S49R9BPB12

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC01000002407JA100 VISHAY-AC01000002407JA100 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
logo
Riedon Powertron
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
   Precision Wirewound Resistors
logo
Welwyn Components Limit...
WA84F-15RJI WELWYN-WA84F-15RJI Datasheet
274Kb / 2P
   Fusible Wirewound Resistors
logo
Vishay Siliconix
AC05000002009JAC00 VISHAY-AC05000002009JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
logo
Riedon Powertron
101-100KX RIEDON-101-100KX Datasheet
318Kb / 2P
   Precision Wirewound Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com