Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y162712K7560T0R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Y162712K7560T0R
Description  Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y162712K7560T0R Datasheet(HTML) 2 Page - Vishay Siliconix

  Y162712K7560T0R Datasheet HTML 1Page - Vishay Siliconix Y162712K7560T0R Datasheet HTML 2Page - Vishay Siliconix Y162712K7560T0R Datasheet HTML 3Page - Vishay Siliconix Y162712K7560T0R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VSMP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Vishay Foil Resistors
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63060
2
Revision: 24-Mar-09
Note
(1) Land Pattern Dimensions are per IPC-7351A
Note
(1) As shown + 0.01
Ω to allow for measurement errors at low values.
FIGURE 2 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 3 - TYPICAL RESISTANCE/
TEMPERATURE CURVE
Note
• The TCR values for < 100
Ω are influenced by the termination
composition and result in deviation from this curve.
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
Ambient Temperature (°C) and TCR Chord Slopes for
Different Temperature Ranges
TABLE 2 - DIMENSIONS AND LAND PATTERN in Inches (Millimeters)
CHIP
SIZE
L
± 0.005 (0.13)
W
± 0.005 (0.13)
THICKNESS
MAXIMUM
D
± 0.005 (0.13)
Z (1)
G (1)
X (1)
0805
0.080 (2.03)
0.050 (1.27)
0.025 (0.64)
0.015 (0.38)
0.122 (3.10)
0.028 (0.71)
0.050 (1.27)
1206
0.126 (3.20)
0.062 (1.57)
0.025 (0.64)
0.020 (0.51)
0.175 (4.45)
0.059 (1.50)
0.071 (1.80)
1506
0.150 (3.81)
0.062 (1.57)
0.025 (0.64)
0.020 (0.51)
0.199 (5.05)
0.083 (2.11)
0.071 (1.80)
2010
0.198 (5.03)
0.097 (2.46)
0.025 (0.64)
0.025 (0.64)
0.247 (6.27)
0.115 (2.92)
0.103 (2.62)
2512
0.249 (6.32)
0.127 (3.23)
0.025 (0.64)
0.032 (0.81)
0.291 (7.39)
0.150 (3.81)
0.127 (3.23)
Top View
D
T
W
L
Recommended Land Pattern
Footprint
Z
G
X
TABLE 3 - SPECIFICATIONS
CHIP
SIZE
RATED
POWER
(mW)
at + 70 °C
MAX.
WORKING
VOLTAGE
(
)
RESISTANCE
RANGE
(
Ω)
MAXIMUM
WEIGHT
(mg)
0805
200
40 V
10 to 8K
6
1206
300
87 V
10 to 25K
11
1506
300
95 V
10 to 30K
12
2010
500
187 V
10 to 70K
27
2512
750
220 V
10 to 125K
40
PR
×
TABLE 4 - LOAD LIFE STABILITY
(+ 70 °C for 2000 h)
CHIP SIZE
MAXIMUM
ΔR LIMITS
0805
± 0.005 % at 100 mW
± 0.01 % at 200 mW
1206, 1506
± 0.005 % at 150 mW
± 0.01 % at 300 mW
2010
± 0.005 % at 200 mW
± 0.01 % at 500 mW
2512
± 0.005 % at 500 mW
± 0.01 % at 750 mW
TABLE 5 - PERFORMANCES
TEST OR CONDITIONS
MIL-PRF-55342
CHARACTERISTIC E
ΔR LIMITS
TYPICAL
ΔR LIMITS
MAXIMUM
ΔR LIMITS (1)
Thermal Shock, 100 x (- 65 °C to + 150 °C)
± 0.1 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
Low Temperature Operation, - 65 °C, 45 min at Pnom
± 0.1 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
Short Time Overload, 6.25 x Rated Power, 5 s
± 0.1 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
High Temperature Exposure, + 150 °C, 100 h
± 0.1 %
± 0.01 % (100 ppm)
± 0.02 % (200 ppm)
Resistance to Soldering Heat
± 0.2 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
Moisture Resistance
± 0.2 %
± 0.005 % (50 ppm)
± 0.02 % (200 ppm)
Load Life Stability + 70 °C for 2000 h at Rated Power
± 0.5 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)


Similar Part No. - Y162712K7560T0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y162712K7560TR0R VISHAY-Y162712K7560TR0R Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
Y162712K7560TR9R VISHAY-Y162712K7560TR9R Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
Y162712K7560TW0R VISHAY-Y162712K7560TW0R Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
Y162712K7560TW9R VISHAY-Y162712K7560TW9R Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
More results

Similar Description - Y162712K7560T0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 25-Mar-10
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
VSMP0603 VISHAY-VSMP0603 Datasheet
384Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 26-Mar-10
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
   Ultra High Precision Z-Foil Molded Surface Mount Resistor
Revision: 30-Jul-07
SMNZ VISHAY-SMNZ Datasheet
180Kb / 5P
   Ultra High Precision Z-Foil Surface Mount 4 Resistor Network
Revision: 22-May-07
logo
Riedon Powertron
UHPC0805 RIEDON-UHPC0805 Datasheet
221Kb / 2P
   Foil Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PZFR RESI-PZFR Datasheet
1Mb / 3P
   Precision Foil Chip Resistor
2023/03/02
logo
Vishay Siliconix
VSM1206 VISHAY-VSM1206 Datasheet
59Kb / 2P
   Bulk Metal짰 Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 21-May-03
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
   Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 17-Aug-04
SMR1D VISHAY-SMR1D_07 Datasheet
134Kb / 5P
   High Precision Bulk Metal짰 Foil Molded Surface Mount Resistor
Revision: 14-Nov-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com