Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VY2470K29U2JS6V5 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VY2470K29U2JS6V5
Description  AC Line Rated Disc Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY2470K29U2JS6V5 Datasheet(HTML) 1 Page - Vishay Siliconix

  VY2470K29U2JS6V5 Datasheet HTML 1Page - Vishay Siliconix VY2470K29U2JS6V5 Datasheet HTML 2Page - Vishay Siliconix VY2470K29U2JS6V5 Datasheet HTML 3Page - Vishay Siliconix VY2470K29U2JS6V5 Datasheet HTML 4Page - Vishay Siliconix VY2470K29U2JS6V5 Datasheet HTML 5Page - Vishay Siliconix VY2470K29U2JS6V5 Datasheet HTML 6Page - Vishay Siliconix VY2470K29U2JS6V5 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 08-Mar-12
1
Document Number: 28535
For technical questions, contact: CDC@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AC Line Rated Disc Capacitors
Class X1, 440 VAC, Class Y2, 300 VAC
OPERATING TEMPERATURE RANGE
- 40 °C to + 125 °C
TEMPERATURE CHARACTERISTICS
See Ordering Information Tables
CLIMATIC CATEGORY
40/125/21 according to EN 60068-1
COATING
According to UL 94 V-0
Epoxy resin, isolating, flame retardant
APPROVALS
ENEC - VDE DE 1-30691
UL60384-14 file E183844
CSA 22.2
PACKAGING
Bulk; tape and reel; taped ammopack
FEATURES
• Complying with IEC 60384-14, 3rd edition
• High reliability
• Vertical (inline) kinked or straight leads
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Across-the-line
• Line by-pass
• Antenna coupling
DESIGN
The capacitors consist of a ceramic disc both sides of which
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.6 mm.
The capacitors may be supplied with vertical (inline) kinked
leads having a lead spacing of 5.0 mm, 7.5 mm, or 10.0 mm.
Encapsulation is made of flammable resistant epoxy resin in
accordance with “UL 94 V-0”
CAPACITANCE RANGE
10 pF to 0.01 μF
RATED VOLTAGE UR
IEC 60384-14 and UL60384-14:
(X1): 440 VAC, 50 Hz
(Y2): 300 VAC, 50 Hz
TEST VOLTAGE
Component test (100 %)
2600 VAC, 50 Hz, 2 s
(2600 VAC for LS 7.5 mm and 10 mm)
(2200 VAC for LS 5.0 mm)
Random sampling test (destructive test)
2600 VAC, 50 Hz, 60 s
Voltage proof of coating (destructive test)
2600 VAC, 50 Hz, 60 s
INSULATION RESISTANCE
10 000 M
 minimum
TOLERANCE OF CAPACITANCE
± 20 % (code M); ± 10 % (code K)
DISSIPATION FACTOR
2.5 % maximum
The
capacitors
meet
the
essential
requirements
of
“EIA 198”. Unless stated otherwise all electrical values apply
at an ambient temperature of 25 °C ± 3 °C, at normal
atmospheric conditions
QUICK REFERENCE DATA
DESCRIPTION
CLASS
X1
(U2J)
CLASS
X1
(Y5S)
CLASS
X1
(Y5U)
CLASS
Y2
(U2J)
CLASS
Y2
(Y5S)
CLASS
Y2
(Y5U)
Voltage (VAC)
440
300
Min.
Capacitance
(pF)
10
68
680
10
68
680
Max.
Capacitance
(pF)
47
680
10 000
47
680
10 000
Mounting
Through hole


Similar Part No. - VY2470K29U2JS6V5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY2470K29U2JS6V5 VISHAY-VY2470K29U2JS6V5 Datasheet
152Kb / 7P
   AC Line Rated Disc Capacitors
Revision: 13-Apr-10
VY2470K29U2JS6V5 VISHAY-VY2470K29U2JS6V5 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY2470K29U2JS6V5 VISHAY-VY2470K29U2JS6V5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results

Similar Description - VY2470K29U2JS6V5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY2 VISHAY-VY2_10 Datasheet
152Kb / 7P
   AC Line Rated Disc Capacitors
Revision: 13-Apr-10
30LVSD47-R VISHAY-30LVSD47-R Datasheet
163Kb / 5P
   AC Line Rated Disc Capacitors
Revision: 06-Jun-13
VY1 VISHAY-VY1_10 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 12-Apr-10
30LVD22-R VISHAY-30LVD22-R Datasheet
166Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 06-Jun-13
440L VISHAY-440L Datasheet
129Kb / 3P
   AC Line Rated Disc Capacitors
Revision 14-May-02
VY1472M63Y5UQ63V0 VISHAY-VY1472M63Y5UQ63V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 11-Jun-12
WKP472MCPEF VISHAY-WKP472MCPEF Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors
Revision: 19-Dec-13
440L VISHAY-440L_18 Datasheet
174Kb / 5P
   AC Line Rated Ceramic Disc Capacitors
Revision: 29-Mar-18
AY1 VISHAY-AY1 Datasheet
306Kb / 12P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors
AY2 VISHAY-AY2_18 Datasheet
355Kb / 13P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 29-Mar-18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com