Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y162412K7560T0R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y162412K7560T0R
Description  Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y162412K7560T0R Datasheet(HTML) 1 Page - Vishay Siliconix

  Y162412K7560T0R Datasheet HTML 1Page - Vishay Siliconix Y162412K7560T0R Datasheet HTML 2Page - Vishay Siliconix Y162412K7560T0R Datasheet HTML 3Page - Vishay Siliconix Y162412K7560T0R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at
Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Document Number: 63060
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 24-Mar-09
1
VSMP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Vishay Foil Resistors
INTRODUCTION
VSMP Series is the industry’s first device to provide high
rated power, excellent load life stability along with extremely
low TCR all in one resistor.
One of the most important parameters influencing stability is
the temperature coefficient of resistance (TCR). Although the
TCR of foil resistors is considered extremely low, this
characteristic has been further refined over the years. The
VSMP Series utilizes ultra high precision Bulk Metal® Z-foil.
The Z-foil technology provides a significant reduction of the
resistive element’s sensitivity to ambient temperature
variations (TCR) and to self heating when power is applied
(power coefficient). Along with the inherently low PCR and
TCR, Z-foil technology also provides remarkably improved
load life stability, low noise and availability of tight tolerance.
The VSMP has a full wraparound termination which ensures
safe handling during the manufacturing process, as well as
providing stability during multiple thermal cyclings.
Our application engineering department is available to
advise and make recommendations. For non-standard
technical requirements and special applications, please
contact us using the e-mail address in the footer below.
Note
(1) For tighter performances and non-standard values up to 150K,
please contact Vishay application engineering using the e-mail
addresses in the footer below.
FEATURES
• Temperature coefficient of resistance (TCR):
0.05 ppm/°C typical (0 °C to + 60 °C)
0.2 ppm/°C typical (- 55 °C to + 125 °C, + 25 °C ref.)
• Tolerance: to ± 0.01 %
• Power coefficient “ΔR due to self heating”:
5 ppm at rated power
• Power rating: to 750 mW at + 70 °C
• Load life stability: to ± 0.005 % at 70 °C, 2000 h at rated
power
• Resistance range: 10 Ω to 125 kΩ (for higher and lower
values, please contact us)
• Vishay Foil resistors are not restricted to standard values,
we can supply specific “as required” values at no extra cost
or delivery (e.g. 1K2345 vs. 1K)
• Fast thermal stabilization < 1 s
• Electrostatic discharge (ESD) up to 25 000 V
• Short time overload: ≤ 0.005 %
• Non inductive, non capacitive design
• Rise time: 1 ns effectively no ringing
• Current noise: - 42 dB
• Voltage coefficient < 0.1 ppm/V
• Non inductive: < 0.08 µH
• Non hot spot design
• Terminal finishes available: lead (Pb)-free, tin/lead alloy
• Compliant to RoHS directive 2002/95/EC
• Matched sets are available on request
• Prototype quantities available in just 5 working days
or
sooner.
For
more
information,
please
contact
foil@vishay.com
• For better performances please contact us
APPLICATIONS
• Automatic test equipment (ATE)
• High precision instrumentation
• Laboratory, industrial and medical
• Audio
• EB applications (electron beam scanning and recording
equipment, electron microscopes)
• Down hole instrumentation
• Communication
* Pb containing terminations are not RoHS compliant, exemptions may apply
TABLE 1 - TOLERANCE AND TCR VS.
RESISTANCE VALUE (1)
(- 55 °C to + 125 °C, + 25 °C Ref.)
RESISTANCE
VALUE
(
Ω)
TOLERANCE
(%)
TYPICAL TCR AND
MAX. SPREAD
(ppm/°C)
250 to 125K
± 0.01
± 0.2 ± 1.8
100 to < 250
± 0.02
± 0.2 ± 1.8
50 to < 100
± 0.05
± 0.2 ± 2.8
25 to < 50
± 0.1
± 0.2 ± 3.8
10 to < 25
± 0.25
± 0.2 ± 3.8
Top View
FIGURE 1 - POWER DERATING CURVE
100
75
50
25
0
- 75
- 50
- 25
0
+ 25
+ 50
+ 75 + 100 + 125 + 150 + 175
Ambient Temperature (°C)
+ 70 °C
- 55 °C


Similar Part No. - Y162412K7560T0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y162412K7560TR0R VISHAY-Y162412K7560TR0R Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
Y162412K7560TR9R VISHAY-Y162412K7560TR9R Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
Y162412K7560TW0R VISHAY-Y162412K7560TW0R Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
Y162412K7560TW9R VISHAY-Y162412K7560TW9R Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
More results

Similar Description - Y162412K7560T0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 25-Mar-10
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
VSMP0603 VISHAY-VSMP0603 Datasheet
384Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 26-Mar-10
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
   Ultra High Precision Z-Foil Molded Surface Mount Resistor
Revision: 30-Jul-07
SMNZ VISHAY-SMNZ Datasheet
180Kb / 5P
   Ultra High Precision Z-Foil Surface Mount 4 Resistor Network
Revision: 22-May-07
logo
Riedon Powertron
UHPC0805 RIEDON-UHPC0805 Datasheet
221Kb / 2P
   Foil Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PZFR RESI-PZFR Datasheet
1Mb / 3P
   Precision Foil Chip Resistor
2023/03/02
logo
Vishay Siliconix
VSM1206 VISHAY-VSM1206 Datasheet
59Kb / 2P
   Bulk Metal짰 Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 21-May-03
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
   Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 17-Aug-04
SMR1D VISHAY-SMR1D_07 Datasheet
134Kb / 5P
   High Precision Bulk Metal짰 Foil Molded Surface Mount Resistor
Revision: 14-Nov-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com