Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D106X9010A4W Datasheet(PDF) 11 Page - Vishay Siliconix

Part # 595D106X9010A4W
Description  Solid Tantalum Chip Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D106X9010A4W Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button 595D106X9010A4W Datasheet HTML 5Page - Vishay Siliconix 595D106X9010A4W Datasheet HTML 6Page - Vishay Siliconix 595D106X9010A4W Datasheet HTML 7Page - Vishay Siliconix 595D106X9010A4W Datasheet HTML 8Page - Vishay Siliconix 595D106X9010A4W Datasheet HTML 9Page - Vishay Siliconix 595D106X9010A4W Datasheet HTML 10Page - Vishay Siliconix 595D106X9010A4W Datasheet HTML 11Page - Vishay Siliconix 595D106X9010A4W Datasheet HTML 12Page - Vishay Siliconix 595D106X9010A4W Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
595D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated,
Maximum CV
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40007
11
Revision: 16-Dec-05
GUIDE TO APPLICATION (Continued)
9.
Recommended Mounting Pad Geometries: The nib must
have sufficient clearance to avoid electrical contact with
other components. The width dimension indicated is the
same as the maximum width of the capacitor. This is to
minimize lateral movement.
10.
Cleaning (Flux Removal) After Soldering: The 595D is
compatible with all commonly used solvents such as TES,
TMS, Prelete, Chlorethane, Terpene and aqueous cleaning
media. However, CFC/ODS products are not used in the
production of these devices and are not recommended.
Solvents containing methylene chloride or other epoxy
solvents should be avoided since these will attack the epoxy
encapsulation material.
REFLOW SOLDER PASTE*
in inches [millimeters]
* Pads for B, C and D case codes are otherwise pad compatible
with Type 293D, B, C and D case codes respectively.
CASE
CODE
WIDTH
(A)
PAD METALLIZATION
(B)
SEPARATION
(C)
T
0.055 [1.5]
0.030 [0.7]
0.025 [0.6]
S
0.067 [1.7]
0.032 [0.8]
0.043 [1.1]
A
0.82 [2.1]
0.065 [1.7]
0.050[1.3]
B
0.120 [3.0]
0.065 [1.7]
0.065 [1.7]
C
0.136 [3.5]
0.090 [2.3]
0.120 [3.1]
D
0.180 [4.6]
0.090 [2.3]
0.145 [3.7]
G
0.156 [4.05]
0.090 [2.3]
0.082 [2.1]
H
0.196 [5.0]
0.090 [2.3]
0.082 [2.1]
M
0.110 [2.8]
0.013 [1.1]
0.052 [1.3]
R
0.245 [6.3]
0.090 [2.3]
0.145 [3.7]
TAPE AND REEL PACKAGING in inches [millimeters]
Case Code
Tape Width
Component Pitch
Units Per Reel
7“ [178] Reel
13“ [330] Reel
T
8 mm
4 mm
2500
10000
S
8 mm
4 mm
2500
10000
A
8 mm
4 mm
2000
9000
B
12 mm
4 mm
2000
8000
C
12 mm
8 mm
500
3000
D
12 mm
8 mm
500
2500
G
12 mm
8 mm
500
2500
H
12 mm
8 mm
500
2500
R
12 mm
8 mm
600
2500
M
12 mm
4 mm
2000
8000
A
C
B
B
Top Cover
Tape Thickness
Carrier
Embossment
R
Min.
Bending Radius
(Note 2)
Standard orientation is
with the cathode (-)
nearest to the sprocket
holes per EIA-481-1 and
IEC 286-3.


Similar Part No. - 595D106X9010A4W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D106X9010A4W VISHAY-595D106X9010A4W Datasheet
115Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Revision: 04-Sep-06
595D106X9010A4W VISHAY-595D106X9010A4W Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D106X9010A4W VISHAY-595D106X9010A4W Datasheet
135Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT
Revision: 08-Jan-13
More results

Similar Description - 595D106X9010A4W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com