Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D106X0010A2W Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 595D106X0010A2W
Description  Solid Tantalum Chip Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D106X0010A2W Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 595D106X0010A2W Datasheet HTML 4Page - Vishay Siliconix 595D106X0010A2W Datasheet HTML 5Page - Vishay Siliconix 595D106X0010A2W Datasheet HTML 6Page - Vishay Siliconix 595D106X0010A2W Datasheet HTML 7Page - Vishay Siliconix 595D106X0010A2W Datasheet HTML 8Page - Vishay Siliconix 595D106X0010A2W Datasheet HTML 9Page - Vishay Siliconix 595D106X0010A2W Datasheet HTML 10Page - Vishay Siliconix 595D106X0010A2W Datasheet HTML 11Page - Vishay Siliconix 595D106X0010A2W Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Document Number: 40007
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 16-Dec-05
8
595D
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated,
Maximum CV
Vishay Sprague
PERFORMANCE CHARACTERISTICS
1.
Operating Temperature: Capacitors are designed to
operate over the temperature range of
- 55 °C to + 85 °C.
1.1
Capacitors may be operated to + 125 °C with voltage
derating to two-thirds the + 85 °C rating.
2.
DC Working Voltage: The DC working voltage is the
maximum operating voltage for continuous duty at the
rated temperature.
3.
Surge Voltage: The surge DC rating is the maximum
voltage to which the capacitors may be subjected
under any conditions, including transients and peak
ripple at the highest line voltage.
3.1
Surge Voltage Test: Capacitors shall withstand the
surge voltage applied in series with a 33 ohm ± 5 %
resistor at the rate of one-half minute on, one-half
minute off, at + 85 °C, for 1000 successive test
cycles.
3.2
Following the surge voltage test, the dissipation factor
and the leakage current shall meet the initial
requirements;
the
capacitance
shall
not
have
changed more than ± 10 %.
4.
Capacitance Tolerance: The capacitance of all
capacitors shall be within the specified tolerance
limits of the normal rating.
4.1
Capacitance measurements shall be made by means
of polarized capacitance bridge. The polarizing
voltage shall be of such magnitude that there shall be
no reversal of polarity due to the AC component. The
maximum voltage applied to capacitors during
measurement shall be 2 volts rms at 120 Hz at
+ 25 °C. If the AC voltage applied is less than one-half
volt rms, no DC bias is required. Accuracy of the
bridge shall be within ± 2 %.
5.
Capacitance Change With Temperature: The
capacitance change with temperature shall not
exceed the following percentage of the capacitance
measured at + 25 °C:
6.
Dissipation
Factor:
The
dissipation
factor,
determined from the expression 2
πfRC, shall not
exceed values listed in the Standard Ratings Table.
6.1
Measurements shall be made by the bridge method
at, or referred to, a frequency of 120 Hz and a
temperature of + 25 °C.
7.
Leakage Current: Capacitors shall be stabilized at
the rated temperature for 30 minutes. Rated voltage
shall be applied to capacitors for 5 minutes using a
steady source of power (such as a regulated power
supply) with 1000 ohm resistor connected in series
with the capacitor under test to limit the charging
current. Leakage current shall then be measured.
Note that the leakage current varies with temperature
and applied voltage. See graph below for the
appropriate adjustment factor.
7.1
At + 25 °C, the leakage current shall not exceed the
value listed in the Standard Ratings Table.
7.2
At + 85 °C, the leakage current shall not exceed 10
times the value listed in the Standard Ratings Table.
7.3
At + 125 °C, the leakage current shall not exceed 12
times the value listed in the Standard Ratings Table.
+ 85 °C RATING
+ 125 °C RATING
Working
Voltage
(V)
Surge
Voltage
(V)
Working
Voltage
(V)
Surge
Voltage
(V)
4 .0
5.2
2.7
3.4
6.3
8.0
4.0
5.0
10
13
7.0
8.0
16
20
10
12
20
26
13
16
25
32
17
20
35
46
23
28
50
65
33
38
- 55 °C
+ 85 °C
+ 125 °C
- 10 %
+ 10 %
+ 12 %
TYPICAL LEAKAGE CURRENT FACTOR RANGE
100
10
1.0
0.1
0.01
0.001
0
10
20
30
40
50
60
70
80
90 100
+ 125 °C
+ 85 °C
+ 55 °C
+ 25 °C
0 °C
- 55 °C
Percent of Rated Voltage


Similar Part No. - 595D106X0010A2W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D106X0010A2W VISHAY-595D106X0010A2W Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D106X0010A2W VISHAY-595D106X0010A2W Datasheet
135Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT
Revision: 08-Jan-13
More results

Similar Description - 595D106X0010A2W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com