Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15536 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 15536
Description  Solid Tantalum Chip Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15536 Datasheet(HTML) 2 Page - Vishay Siliconix

  15536 Datasheet HTML 1Page - Vishay Siliconix 15536 Datasheet HTML 2Page - Vishay Siliconix 15536 Datasheet HTML 3Page - Vishay Siliconix 15536 Datasheet HTML 4Page - Vishay Siliconix 15536 Datasheet HTML 5Page - Vishay Siliconix 15536 Datasheet HTML 6Page - Vishay Siliconix 15536 Datasheet HTML 7Page - Vishay Siliconix 15536 Datasheet HTML 8Page - Vishay Siliconix 15536 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Document Number: 40007
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 16-Dec-05
2
595D
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated,
Maximum CV
Vishay Sprague
RATINGS AND CASE CODES
µF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
Std.
Ext.
Std.
Ext.
Std.
Ext.
Std.
Ext.
Std.
Ext.
Std.
Ext.
Std.
Ext.
Std.
Ext.
0.10
T
0.15
T
0.22
T
0.33
T
A
0.47
T
A
A
0.68
T
A
B
A
1.0
T
A
B
1.5
T
A
B
AC
2.2
T
TA
AB
C
B
3.3
T
TA
B
C
C
4.7
T
TA
B
A
C
BC
6.8
T
A
B
A
BC
D
C
10
T
A
B
A
BC
BD
R
D
15
A
A
B
AB
A
BC
D
CR
22
B
A
A
B/M
C
BD
CR
D
R
33
B
A
A/S
B
AC
B
D
CR
47
A
A
BC
BD
CR
D
R
68
A
A/B
C
BD
C
R
D
100
A/B
C
B/M
BD
CR
D
R
120
C
C
D
R
R
150
C
B
D
CR
D
R
180
D
D
R
DR
220
D
CD
C/G/H
R
C/D
R
270
D
C
R
330
C*
R
C/D
R
D
R
390
DR
R
470
R
CR
D
R
560
R
680
D
R
R
1000
R
R
1500
R
*Preliminary values, contact factory for availability.
STANDARD / EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
Max. DCL
at + 25 °C
(µA)
Max. DF
at + 25 °C
120 Hz
(%)
Max. ESR
at + 25 °C
100 kHz
(Ohms)
Max. RIPPLE
100 kHz
Irms
(Amps)
4 WVDC AT+ 85 °C, SURGE = 5.2 V . . . 2.7 WVDC AT + 125 °C, SURGE = 3.4 V
4.7
T
595D475X_004T2T
0.5
6
7.8
0.06
10
T
595D106X_004T2T
0.5
6
7.8
0.06
15
A
595D156X_004A2T
0.6
6
1.4
0.23
33
A
595D336X_004A2T
1.3
6
1.4
0.23
33
B
595D336X_004B2T
1.3
6
0.47
0.43
47
A
595D476X_004A2T
1.9
6
1.40
0.23
68
A
595D686X_004A2T
2.7
6
1.30
0.24
100
A
595D107X_004A2T
4.0
12
0.60
0.35
100
B
595D107X_004B2T
4.0
8
0.45
0.44
120
C
595D127X_004C2T
4.8
8
0.19
0.76
*Preliminary values, contact factory for availability. For 10 % tolerance, specify "9"; for 20 % tolerance, change to "0". Extended Range ratings in bold print.


Similar Part No. - 15536

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15536 ETC-15536 Datasheet
183Kb / 2P
   HEYClip??Nylon Push Screws
logo
Heyco.
15536 HEYCO-15536 Datasheet
114Kb / 2P
   Nylon Push Screws – HPLP Series
logo
PHOENIX CONTACT
1553611 PHOENIX-1553611 Datasheet
119Kb / 4P
   SACC-M12FSD-4Q SH
1553624 PHOENIX-1553624 Datasheet
121Kb / 4P
   SACC-M12MRD-4Q SH
1553637 PHOENIX-1553637 Datasheet
79Kb / 6P
   Bus system connector - SACC-M12FRD-4Q SH
More results

Similar Description - 15536

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com