Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB-M Datasheet(PDF) 9 Page - General Semiconductor

Part # AB-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

AB-M Datasheet(HTML) 9 Page - General Semiconductor

Back Button AB-M Datasheet HTML 5Page - General Semiconductor AB-M Datasheet HTML 6Page - General Semiconductor AB-M Datasheet HTML 7Page - General Semiconductor AB-M Datasheet HTML 8Page - General Semiconductor AB-M Datasheet HTML 9Page - General Semiconductor AB-M Datasheet HTML 10Page - General Semiconductor AB-M Datasheet HTML 11Page - General Semiconductor AB-M Datasheet HTML 12Page - General Semiconductor AB-M Datasheet HTML 13Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Lineage Power
9
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Characteristic Curves (continued)
8-1018(C).a
Figure 9. Typical DW025-Series 15 V Output Voltage
Response to a Step Load Change from
50% to 75% of IO, max at VI = VI, nom and
TA = 25 °C
8-1020(C)
Figure 10. Typical DW025-Series Output Voltage
Rise Time with Remote On/Off at
VI = VI, nom, IO = 0.8 (IO, max) and TA = 25 °C
Test Configurations
8-489(C).a
Note: Measure input reflected-ripple current with a simulated source
impedance (LTEST) of 12 µH. Capacitor CS offsets possible
battery impedance. Current is measured at the input of the
module.
Figure 11. Input Reflected-Ripple Test Setup
∆IO
∆t = 1 A/10 µs
0.5 ms
100 mV
0.2 A
0.500 A
0.333 A
TIME, t (0.5 ms/div)
15.0 V
∆IO
∆t = 1 A/10 µs
2 V
0 V
TIME, t (1 ms/div)
0 V
1 ms
VO, set
TO OSCILLOSCOPE
CS 220 µF
IMPEDANCE < 0.1
@ 20
°C, 100 kHz
VI(+)
VI(–)
LTEST
BATTERY
12 µH


Similar Part No. - AB-M

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-0151BD-01WA-G10-S A-BRIGHT-AB-0151BD-01WA-G10-S Datasheet
205Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0151BD-12V0-M00-S A-BRIGHT-AB-0151BD-12V0-M00-S Datasheet
200Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0151BD-24V0-M00-S A-BRIGHT-AB-0151BD-24V0-M00-S Datasheet
201Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0151GD-01WA-G10-S A-BRIGHT-AB-0151GD-01WA-G10-S Datasheet
205Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0151GD-12V0-M00-S A-BRIGHT-AB-0151GD-12V0-M00-S Datasheet
200Kb / 3P
   HIGH POWER LED BULB
7/2/2007
More results

Similar Description - AB-M

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
DW025ABK-M LINEAGEPOWER-DW025ABK-M Datasheet
692Kb / 20P
   DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
JHW050FG LINEAGEPOWER-JHW050FG Datasheet
490Kb / 17P
   JHW050 Dual Positive Output-Series Power Modules dc-dc Converter: 36 Vdc to 75 Vdc Input, Dual Positive Outputs 50W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
logo
Bel Fuse Inc.
0RXU-75TD10 BEL-0RXU-75TD10 Datasheet
292Kb / 8P
   ISOLATED DC/DC CONVERTERS 36 Vdc - 75 Vdc Input 12 Vdc/5 A, -12 Vdc/1.5 A Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com