Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA-M Datasheet(PDF) 3 Page - General Semiconductor

Part # AA-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

AA-M Datasheet(HTML) 3 Page - General Semiconductor

  AA-M Datasheet HTML 1Page - General Semiconductor AA-M Datasheet HTML 2Page - General Semiconductor AA-M Datasheet HTML 3Page - General Semiconductor AA-M Datasheet HTML 4Page - General Semiconductor AA-M Datasheet HTML 5Page - General Semiconductor AA-M Datasheet HTML 6Page - General Semiconductor AA-M Datasheet HTML 7Page - General Semiconductor AA-M Datasheet HTML 8Page - General Semiconductor AA-M Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Lineage Power
3
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Electrical Specifications (continued)
Table 2. Output Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage
(Over all operating input voltage,
resistive load, and temperature
conditions until end of life. See
Figure 13.)
DW025AJ-M
DW025BK-M
DW025CL-M
DW025AA-M
DW025AB-M
DW025AF-M
DW025BB-M
DW025CC-M
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
4.80
–4.80
11.40
–11.40
14.25
–14.25
4.80
4.80
4.80
11.40
4.80
3.16
11.40
11.40
14.25
14.25
5.25
–5.25
12.60
–12.60
15.75
–15.75
5.25
5.25
5.25
12.60
5.25
3.45
12.60
12.60
15.75
15.75
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Voltage Set Point
(VI = 48 V; IO = IO, max; TA = 25 °C)
DW025AJ-M
DW025BK-M
DW025CL-M
DW025AA-M
DW025AB-M
DW025AF-M
DW025BB-M
DW025CC-M
VO1, set
VO2, set
VO1, set
VO2, set
VO1, set
VO2, set
VO1, set
VO2, set
VO1, set
VO2, set
VO1, set
VO2, set
VO1, set
VO2, set
VO1, set
VO2, set
4.90
–4.90
11.76
–11.76
14.70
–14.70
4.90
4.90
4.90
11.76
4.90
3.23
11.76
11.76
14.70
14.70
5.0
–5.0
12.0
–12.0
15.0
–15.0
5.0
5.0
5.0
12.0
5.0
3.3
12.0
12.0
15.0
15.0
5.10
–5.10
12.24
–12.24
15.30
–15.30
5.10
5.10
5.10
12.24
5.10
3.37
12.24
12.24
15.30
15.30
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Regulation:
Line (VI = 36 V to 75 V)
Load (IO1 = IO, min to IO, max, IO2 = IO, max)
All
All
0.1
0.1
0.2
0.4
%
%
Load (IO2 = IO, min to IO, max, IO1 = IO, max)
DW025AJ-M,
AA-M, BK-M,
BB-M, CL-M,
CC-M, AB-M
0.1
0.4
%
DW025AF-M
0.4
0.8
%
Temperature
(TC = –40 °C to +100 °C)
DW025AJ-M,
AA-M, AF-M
15
70
mV
DW025BK-M,
BB-M
40
150
mV
DW025CL-M,
CC-M
40
190
mV
DW025AB-M
(5 V output)
15
70
mV
DW025AB-M
(12 V output)
40
150
mV


Similar Part No. - AA-M

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
AA-019-12-22 LSTD-AA-019-12-22 Datasheet
816Kb / 2P
   Precise temperature control
logo
JMK Inc.
AA-0220-1 JMK-AA-0220-1 Datasheet
34Kb / 1P
   392,147 to 391,558 Hrs @ 30C GB
AA-0220-10 JMK-AA-0220-10 Datasheet
38Kb / 1P
   392,147 to 391,558 Hrs @ 30C GB
AA-0220-2 JMK-AA-0220-2 Datasheet
34Kb / 1P
   392,147 to 391,558 Hrs @ 30C GB
AA-0220-20 JMK-AA-0220-20 Datasheet
32Kb / 1P
   392,147 to 391,558 Hrs @ 30C GB
More results

Similar Description - AA-M

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
DW025ABK-M LINEAGEPOWER-DW025ABK-M Datasheet
692Kb / 20P
   DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
JHW050FG LINEAGEPOWER-JHW050FG Datasheet
490Kb / 17P
   JHW050 Dual Positive Output-Series Power Modules dc-dc Converter: 36 Vdc to 75 Vdc Input, Dual Positive Outputs 50W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
logo
Bel Fuse Inc.
0RXU-75TD10 BEL-0RXU-75TD10 Datasheet
292Kb / 8P
   ISOLATED DC/DC CONVERTERS 36 Vdc - 75 Vdc Input 12 Vdc/5 A, -12 Vdc/1.5 A Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com