Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC5026M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSC5026M
Description  High Voltage and High Reliability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5026M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSC5026M Datasheet HTML 1Page - Fairchild Semiconductor KSC5026M Datasheet HTML 2Page - Fairchild Semiconductor KSC5026M Datasheet HTML 3Page - Fairchild Semiconductor KSC5026M Datasheet HTML 4Page - Fairchild Semiconductor KSC5026M Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B2, December 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Switching Time
Figure 6. Safe Operating Area
0
123
456
789
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
B
= 120mA
I
B = 80mA
I
B
= 100mA
I
B = 60mA
I
B = 40mA
I
B = 20mA
I
B
= 10mA
I
B
= 5mA
I
B = 0
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
100
1
10
100
1000
V
CE = 5V
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
I
C = 5 IB
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
CE = 5V
V
BE[V], BASE-EMITTER VOLTAGE
0.1
1
10
0.01
0.1
1
10
t
F
t
ON
t
STG
I
C[A], COLLECTOR CURRENT
1
10
100
1000
1E-3
0.01
0.1
1
10
DC
I
C(max).(Pulse)
I
C
(max)
V
CE[V], COLLECTOR-EMITTER VOLTAGE


Similar Part No. - KSC5026M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5026MOS FAIRCHILD-KSC5026MOS Datasheet
125Kb / 6P
   NPN Silicon Transistor
KSC5026M FAIRCHILD-KSC5026M_11 Datasheet
125Kb / 6P
   NPN Silicon Transistor
More results

Similar Description - KSC5026M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5030F FAIRCHILD-KSC5030F Datasheet
64Kb / 5P
   High Voltage and High Reliability
KSC5321 FAIRCHILD-KSC5321 Datasheet
55Kb / 6P
   High Voltage and High Reliability
KSC5367 FAIRCHILD-KSC5367 Datasheet
56Kb / 6P
   High Voltage and High Reliability
KSC5367F FAIRCHILD-KSC5367F Datasheet
62Kb / 6P
   High Voltage and High Reliability
FJPF5021 FAIRCHILD-FJPF5021 Datasheet
57Kb / 5P
   High Voltage and High Reliability
FJP5027 FAIRCHILD-FJP5027 Datasheet
59Kb / 5P
   High Voltage and High Reliability
logo
Unisonic Technologies
2SC5027 UTC-2SC5027_10 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY
logo
Fairchild Semiconductor
FFPF05U60STTU FAIRCHILD-FFPF05U60STTU Datasheet
78Kb / 4P
   High voltage and high reliability
FFPF30U60STTU FAIRCHILD-FFPF30U60STTU Datasheet
78Kb / 4P
   High voltage and high reliability
logo
SemiHow Co.,Ltd.
KSH5027AF SEMIHOW-KSH5027AF Datasheet
337Kb / 5P
   High Voltage and High Reliability
logo
Tiger Electronic Co.,Lt...
KSC5027 TGS-KSC5027 Datasheet
158Kb / 1P
   High Voltage and High Reliability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com