Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2183T6C-E2-A Datasheet(PDF) 7 Page - California Eastern Labs

Part # UPG2183T6C-E2-A
Description  4W HIGH POWER SP4T SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPG2183T6C-E2-A Datasheet(HTML) 7 Page - California Eastern Labs

Back Button UPG2183T6C-E2-A Datasheet HTML 3Page - California Eastern Labs UPG2183T6C-E2-A Datasheet HTML 4Page - California Eastern Labs UPG2183T6C-E2-A Datasheet HTML 5Page - California Eastern Labs UPG2183T6C-E2-A Datasheet HTML 6Page - California Eastern Labs UPG2183T6C-E2-A Datasheet HTML 7Page - California Eastern Labs UPG2183T6C-E2-A Datasheet HTML 8Page - California Eastern Labs UPG2183T6C-E2-A Datasheet HTML 9Page - California Eastern Labs UPG2183T6C-E2-A Datasheet HTML 10Page - California Eastern Labs UPG2183T6C-E2-A Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
//htmlimg2.alldatasheet.com/htmldatasheet2/533899/CEL/UPG2183T6C-E2-A/470/7/UPG2183T6C-E2-A.png


Similar Part No. - UPG2183T6C-E2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2183T6C-E2-A RENESAS-UPG2183T6C-E2-A Datasheet
450Kb / 16P
   GaAs INTEGRATED CIRCUIT
2009
More results

Similar Description - UPG2183T6C-E2-A

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF1604 RFMD-RF1604 Datasheet
520Kb / 9P
   BROADBAND HIGH POWER SP4T SWITCH
logo
M/A-COM Technology Solu...
MASW-007813 MA-COM-MASW-007813 Datasheet
112Kb / 4P
   GaAs SP4T High Power Switch
MASW-007813 MA-COM-MASW-007813_15 Datasheet
603Kb / 5P
   GaAs SP4T High Power Switch
logo
Filtronic Compound Semi...
FMS2016-001 FILTRONIC-FMS2016-001 Datasheet
220Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016-001 FILTRONIC-FMS2016-001_1 Datasheet
288Kb / 6P
   High Power Reflective GaAs SP4T Switch
logo
New Japan Radio
NJG1684ME2 NJRC-NJG1684ME2 Datasheet
486Kb / 11P
   HIGH POWER SP4T SWITCH GaAs MMIC
logo
Renesas Technology Corp
PG2183T6C RENESAS-PG2183T6C_15 Datasheet
451Kb / 16P
   4 W HIGH POWER SP4T SWITCH
logo
Filtronic Compound Semi...
FMS2003QFN FILTRONIC-FMS2003QFN Datasheet
179Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016QFN FILTRONIC-FMS2016QFN Datasheet
199Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016-005 FILTRONIC-FMS2016-005 Datasheet
290Kb / 6P
   High Power Reflective GaAs SP4T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com