Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A25107KFPU5 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R2A25107KFPU5
Description  Intelligent Power Device for MOSFET Pre-drive
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A25107KFPU5 Datasheet(HTML) 3 Page - Renesas Technology Corp

  R2A25107KFPU5 Datasheet HTML 1Page - Renesas Technology Corp R2A25107KFPU5 Datasheet HTML 2Page - Renesas Technology Corp R2A25107KFPU5 Datasheet HTML 3Page - Renesas Technology Corp R2A25107KFPU5 Datasheet HTML 4Page - Renesas Technology Corp R2A25107KFPU5 Datasheet HTML 5Page - Renesas Technology Corp R2A25107KFPU5 Datasheet HTML 6Page - Renesas Technology Corp R2A25107KFPU5 Datasheet HTML 7Page - Renesas Technology Corp R2A25107KFPU5 Datasheet HTML 8Page - Renesas Technology Corp R2A25107KFPU5 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
R2A25107KFP
Preliminary
R07DS0689EJ0100 Rev.1.00
Page 3 of 22
Mar 22, 2012
Pin Description
Pin No.
Pin Name
Function
1
IWB
Input pin for low side of W phase
2
IWT
Input pin for high side of W phase
3
IVB
Input pin for low side of V phase
4
IVT
Input pin for high side of V phase
5
IUB
Input pin for low side of U phase
6
IUT
Input pin for high side of U phase
7
SGND
GND pin for Motor current
8
MCS
Input pin for Motor current detection
9
WG
GND pin of W phase
10
WB
Output pin for low side gate drive of W phase
11
W
Output pin of W phase
12
WT
Output pin for high side gate drive of W phase
13
N.C.
No connection
14
VG
GND pin of V phase
15
VB
Output pin for low side gate drive of V phase
16
V
Output pin of V phase
17
VT
Output pin for high side gate drive of V phase
18
N.C.
No connection
19
UT
Output pin for high side gate drive of U phase
20
U
Output pin of U phase
21
UB
Output pin for low side gate drive of U phase
22
UG
GND pin of U phase
23
PGND
Power GND pin
24
N.C.
No connection
25
VGT
Power supply pin of high side gate drive
26
N.C.
No connection
27
CP2
Pin to connect external capacitor for charge pump 2
28
N.C.
No connection
29
CP1
Pin to connect external capacitor for charge pump 1
30
N.C.
No connection
31
VBAT2
Power supply pin of charge pump
32
VBAT
Power supply pin to connect battery
33
N.C.
No connection
34
SDC
Output pin for step down converter drive
35
N.C.
No connection
36
VGB
Power supply pin of low side gate drive
37
N.C.
No connection
38
REGC
Output pin of 5-V series regulator
39
VCC
5 V power supply pin
40
MUTE
Input pin of mute
41
MCD
Output pin of motor over-current detection
42
MCR
Input pin to reset motor over-current detection
43
RST
Output pin of reset
44
CLK
Input pin of watchdog timer clock
45
GND
GND pin
46
DGND
GND pin of digital circuit
47
N.C.
No connection
48
IREF
Pin for reference current


Similar Part No. - R2A25107KFPU5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A25107KFP RENESAS-R2A25107KFP_15 Datasheet
240Kb / 24P
   Intelligent Power Device for MOSFET Pre-drive
More results

Similar Description - R2A25107KFPU5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A25107KFP RENESAS-R2A25107KFP_15 Datasheet
240Kb / 24P
   Intelligent Power Device for MOSFET Pre-drive
R2A25110KSP RENESAS-R2A25110KSP Datasheet
2Mb / 41P
   Intelligent Power Device for IGBT Drive with Micro Isolator
2020.04.23
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
UPD166035GR RENESAS-UPD166035GR Datasheet
534Kb / 17P
   INTELLIGENT POWER DEVICE
RAA2900034H12HPD RENESAS-RAA2900034H12HPD Datasheet
572Kb / 19P
   INTELLIGENT POWER DEVICE
Feb. 28, 2020
UPD166030T1K RENESAS-UPD166030T1K Datasheet
838Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166028T1K RENESAS-UPD166028T1K Datasheet
841Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166025T1J RENESAS-UPD166025T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com