Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT451V7AFR8C-RD Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HMT451V7AFR8C-RD
Description  DDR3 SDRAM VLP Registered DIMM Based on 4Gb A-die
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT451V7AFR8C-RD Datasheet(HTML) 3 Page - Hynix Semiconductor

  HMT451V7AFR8C-RD Datasheet HTML 1Page - Hynix Semiconductor HMT451V7AFR8C-RD Datasheet HTML 2Page - Hynix Semiconductor HMT451V7AFR8C-RD Datasheet HTML 3Page - Hynix Semiconductor HMT451V7AFR8C-RD Datasheet HTML 4Page - Hynix Semiconductor HMT451V7AFR8C-RD Datasheet HTML 5Page - Hynix Semiconductor HMT451V7AFR8C-RD Datasheet HTML 6Page - Hynix Semiconductor HMT451V7AFR8C-RD Datasheet HTML 7Page - Hynix Semiconductor HMT451V7AFR8C-RD Datasheet HTML 8Page - Hynix Semiconductor HMT451V7AFR8C-RD Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
Rev. 1.0 / May. 2013
3
Description
SK hynix VLP (Very Low Profile) registered DDR3 SDRAM DIMMs (Registered Double Data Rate Synchro-
nous DRAM Dual In-Line Memory Modules) are low power, high-speed operation memory modules that use
DDR3 SDRAM devices. These Registered SDRAM DIMMs are intended for use as main memory when
installed in systems such as servers and workstations.
Features
• Power Supply: VDD=1.5V (1.425V to 1.575V)
• VDDQ = 1.5V (1.425V to 1.575V)
• VDDSPD=3.0V to 3.6V
• 8 internal banks
• Data transfer rates: PC3-14900, PC3-12800, PC3-10600, PC3-8500
• Bi-Directional Differential Data Strobe
• 8 bit pre-fetch
• Burst Length (BL) switch on-the-fly BL8 or BC4(Burst Chop)
• Supports ECC error correction and detection
• On-Die Termination (ODT)
• Temperature sensor with integrated SPD
• This product is in compliance with the RoHS directive.
Ordering Information
* In order to uninstall FDHS, please contact sales administrator
Part Number
Density Organization
Component Composition
# of
ranks
FDHS
HMT451V7AFR8C-H9/PB/RD
4GB
512Mx72
512Mx8(H5TQ4G83AFR)*9
1
X
HMT41GV7AFR4C-H9/PB/RD
8GB
1Gx72
1Gx4(H5TQ4G43AFR)*18
1
X
HMT41GV7AFR8C-H9/PB/RD
8GB
1Gx72
512Mx8(H5TQ4G83AFR)*18
2
X
HMT82GV7AMR4C-G7/H9/PB
16GB
2Gx72
DDP 2Gx4(H5TQ8G43AMR)*18
2
O
HMT82GV7AMR8C-G7/H9/PB
16GB
2Gx72
DDP 1Gx8(H5TQ8G83AMR)*18
4
O


Similar Part No. - HMT451V7AFR8C-RD

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451V7AFR8A HYNIX-HMT451V7AFR8A Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT451V7AFR8A-H9 HYNIX-HMT451V7AFR8A-H9 Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT451V7AFR8A-PB HYNIX-HMT451V7AFR8A-PB Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT451V7AFR8A-RD HYNIX-HMT451V7AFR8A-RD Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
More results

Similar Description - HMT451V7AFR8C-RD

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451V7MFR8C HYNIX-HMT451V7MFR8C Datasheet
1Mb / 67P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb M-die
HMT451R7AFR8C HYNIX-HMT451R7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT451V7AFR8A HYNIX-HMT451V7AFR8A Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
logo
Elpida Memory
EBJ41HF4B1QA ELPIDA-EBJ41HF4B1QA Datasheet
227Kb / 21P
   4GB VLP Registered DDR3 SDRAM DIMM
logo
Hynix Semiconductor
HMT451V7MFR8A HYNIX-HMT451V7MFR8A Datasheet
1Mb / 67P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb M-die
HMT325V7CFR8C HYNIX-HMT325V7CFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb C-die
HMT325V7EFR8C HYNIX-HMT325V7EFR8C Datasheet
873Kb / 58P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb E-die
HMA451R7AFR8N HYNIX-HMA451R7AFR8N Datasheet
1Mb / 79P
   DDR4 SDRAM Registered DIMM Based on 4Gb A-die
HMT451R7AFR8A HYNIX-HMT451R7AFR8A Datasheet
1Mb / 72P
   DDR3L SDRAM Registered DIMM Based on 4Gb A-die
logo
Elpida Memory
EBE41AF4A1QB ELPIDA-EBE41AF4A1QB Datasheet
265Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com