Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT451V7MFR8C Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HMT451V7MFR8C
Description  DDR3 SDRAM VLP Registered DIMM Based on 4Gb M-die
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT451V7MFR8C Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HMT451V7MFR8C Datasheet HTML 6Page - Hynix Semiconductor HMT451V7MFR8C Datasheet HTML 7Page - Hynix Semiconductor HMT451V7MFR8C Datasheet HTML 8Page - Hynix Semiconductor HMT451V7MFR8C Datasheet HTML 9Page - Hynix Semiconductor HMT451V7MFR8C Datasheet HTML 10Page - Hynix Semiconductor HMT451V7MFR8C Datasheet HTML 11Page - Hynix Semiconductor HMT451V7MFR8C Datasheet HTML 12Page - Hynix Semiconductor HMT451V7MFR8C Datasheet HTML 13Page - Hynix Semiconductor HMT451V7MFR8C Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
Rev. 1.0 / Aug. 2012
10
Registering Clock Driver Specifications
Capacitance Values
Input & Output Timing Requirements
Symbol
Parameter
Conditions
Min
Typ Max
Unit
CI
Input capacitance, Data inputs
1.5
-
2.5
pF
Input capacitance, CK, CK, FBIN, FBIN
2
-
3
pF
Input capacitance, CK, CK, FBIN, FBIN
(DDR3-1600)
1.5
-
2.5
pF
CIR
Input capacitance, RESET, MIRROR,
QCSEN
VI = VDD or GND; VDD = 1.5v
--
3
pF
Symbol
Parameter
Conditions
DDR3-800
1066/1333
DDR3-1600
Unit
Min
Max
Min
Max
fclock
Input clock fre-
quency
Application fre-
quency
300
670
300
810
Mhz
fTEST
Input clock fre-
quency
Test frequency
70
300
70
300
Mhz
tSU
Setup time
Input valid before
CK/CK
100
-
50
-
ps
tH
Hold time
Input to remain
valid after CK/CK
175
-
125
-
ps
tPDM
Propagation
delay, single-bit
switching
CK/CK to output
0.65
1.0
0.65
1.0
ns
tDIS
Output disable
time (1/2-Clock
prelaunch)
Yn/Yn to output
float
0.5 + tQSK1(min)
-
0.5 + tQSK1(min)
-
ps
tEN
Output enable
time (1/2-Clock
prelaunch)
Output driving to
Yn/Yn
0.5 -
tQSK1(max)
-
0.5 - tQSK1(max)
-
ps


Similar Part No. - HMT451V7MFR8C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451V7MFR8A HYNIX-HMT451V7MFR8A Datasheet
1Mb / 67P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb M-die
HMT451V7MFR8A-G7 HYNIX-HMT451V7MFR8A-G7 Datasheet
1Mb / 67P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb M-die
HMT451V7MFR8A-H9 HYNIX-HMT451V7MFR8A-H9 Datasheet
1Mb / 67P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb M-die
More results

Similar Description - HMT451V7MFR8C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451V7AFR8C HYNIX-HMT451V7AFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT451V7MFR8A HYNIX-HMT451V7MFR8A Datasheet
1Mb / 67P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb M-die
logo
Elpida Memory
EBJ41HF4B1QA ELPIDA-EBJ41HF4B1QA Datasheet
227Kb / 21P
   4GB VLP Registered DDR3 SDRAM DIMM
logo
Hynix Semiconductor
HMT325V7CFR8C HYNIX-HMT325V7CFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb C-die
HMT451R7AFR8C HYNIX-HMT451R7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT451V7AFR8A HYNIX-HMT451V7AFR8A Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT325V7EFR8C HYNIX-HMT325V7EFR8C Datasheet
873Kb / 58P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb E-die
HMT451R7MFR8A HYNIX-HMT451R7MFR8A Datasheet
1Mb / 71P
   DDR3L SDRAM Registered DIMM Based on 4Gb M-die
logo
Elpida Memory
EBE41AF4A1QB ELPIDA-EBE41AF4A1QB Datasheet
265Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
logo
Hynix Semiconductor
HMA451R7AFR8N HYNIX-HMA451R7AFR8N Datasheet
1Mb / 79P
   DDR4 SDRAM Registered DIMM Based on 4Gb A-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com