Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT41GS6MFR8C-G7 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HMT41GS6MFR8C-G7
Description  DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT41GS6MFR8C-G7 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HMT41GS6MFR8C-G7 Datasheet HTML 5Page - Hynix Semiconductor HMT41GS6MFR8C-G7 Datasheet HTML 6Page - Hynix Semiconductor HMT41GS6MFR8C-G7 Datasheet HTML 7Page - Hynix Semiconductor HMT41GS6MFR8C-G7 Datasheet HTML 8Page - Hynix Semiconductor HMT41GS6MFR8C-G7 Datasheet HTML 9Page - Hynix Semiconductor HMT41GS6MFR8C-G7 Datasheet HTML 10Page - Hynix Semiconductor HMT41GS6MFR8C-G7 Datasheet HTML 11Page - Hynix Semiconductor HMT41GS6MFR8C-G7 Datasheet HTML 12Page - Hynix Semiconductor HMT41GS6MFR8C-G7 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Rev. 1.0 /Jul. 2012
9
Functional Block Diagram
2GB, 256Mx64 Module(1Rank of x16)
DQS1
DQS1
DM1
DQ [8:15]
DQS0
DQS0
DM0
DQ [0:7]
LDQS
LDQS
LDM
DQ [0:7]
D0
UDQS
UDQS
UDM
DQ [8:15]
A2
Temp Sensor
SDA
D0–D3
VDDSPD
SPD/TS
D0–D3
VREFCA
SCL
Vtt
D0–D3
VDD
EVENT
240ohm
ZQ
+/-1%
DQS3
DQS3
DM3
DQ [24:31]
DQS2
DQS2
DM2
DQ [16:23]
LDQS
LDQS
LDM
DQ [0:7]
D1
UDQS
UDQS
UDM
DQ [8:15]
240ohm
ZQ
+/-1%
DQS5
DQS5
DM5
DQ [40:47]
DQS4
DQS4
DM4
DQ [32:39]
LDQS
LDQS
LDM
DQ [0:7]
D2
UDQS
UDQS
UDM
DQ [8:15]
240ohm
ZQ
+/-1%
DQS7
DQS7
DM7
DQ [56:63]
DQS6
DQS6
DM6
DQ [48:55]
LDQS
LDQS
LDM
DQ [0:7]
D3
UDQS
UDQS
UDM
DQ [8:15]
240ohm
ZQ
+/-1%
Vtt
Vtt
VDD
A1
A0
SCL
SA0
SA1
(with SPD)
EVENT
A2
SDA
SCL
WP
A1
A0
SCL
SA0
SA1
(SPD)
Vtt
VREFDQ
VSS
CK0
CK0
CK1
CK1
ODT1
S1
EVENT
RESET
D0–D3, SPD, Temp sensor
D0–D3
D0–D3
Terminated at near
card edge
NC
NC
Temp Sensor
D0-D3
D0
D1
D2
D3
NOTES
1. DQ wiring may differ from that shown
however, DQ, DM, DQS, and DQS relation-
ships are maintained as shown
Address and Control Lines
Rank 0
The SPD may be
integrated with the Temp
Sensor or may be
a separate component


Similar Part No. - HMT41GS6MFR8C-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT41GS6MFR8A HYNIX-HMT41GS6MFR8A Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT41GS6MFR8A-G7 HYNIX-HMT41GS6MFR8A-G7 Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT41GS6MFR8A-H9 HYNIX-HMT41GS6MFR8A-H9 Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT41GS6MFR8A-PB HYNIX-HMT41GS6MFR8A-PB Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
More results

Similar Description - HMT41GS6MFR8C-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT425S6AFR6C HYNIX-HMT425S6AFR6C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT425S6MFR6A HYNIX-HMT425S6MFR6A Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT451U6MFR8C HYNIX-HMT451U6MFR8C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT425S6AFR6A HYNIX-HMT425S6AFR6A Datasheet
1Mb / 56P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT451S6BFR8A HYNIX-HMT451S6BFR8A Datasheet
744Kb / 51P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb B-die
HMT312S6DFR6C HYNIX-HMT312S6DFR6C Datasheet
915Kb / 47P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb D-die
HMT325S6EFR8C HYNIX-HMT325S6EFR8C Datasheet
1,011Kb / 50P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb E-die
HMT325S6CFR8C HYNIX-HMT325S6CFR8C Datasheet
979Kb / 48P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT425U6AFR6C HYNIX-HMT425U6AFR6C Datasheet
1Mb / 60P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb A-Die
HMT41GU6MFR8A HYNIX-HMT41GU6MFR8A Datasheet
1Mb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb M-Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com