Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2903N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # LM2903N
Description  Dual Differential Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM2903N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  LM2903N Datasheet HTML 1Page - Fairchild Semiconductor LM2903N Datasheet HTML 2Page - Fairchild Semiconductor LM2903N Datasheet HTML 3Page - Fairchild Semiconductor LM2903N Datasheet HTML 4Page - Fairchild Semiconductor LM2903N Datasheet HTML 5Page - Fairchild Semiconductor LM2903N Datasheet HTML 6Page - Fairchild Semiconductor LM2903N Datasheet HTML 7Page - Fairchild Semiconductor LM2903N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 2.0.2
Features
• Single Supply Operation: 2V to 36V
• Dual Supply Operation:
1V to 18V
• Allow Comparison of Voltages Near Ground Potential
•Low Current Drain 800
A Typ.
• Compatible with all Forms of Logic
• Low Input Bias Current 25nA Typ.
• Low Input Offset Current
5nA Typ.
• Low Offset Voltage
1mV Typ.
Description
The LM2903, LM393/LM393A, LM293A consist of two
independent voltage comparators designed to operate from a
single power supply over a wide voltage range.
8-DIP
8-SOIC
1
1
Internal Block Diagram
-
+
+
-
1
2
3
45
6
7
8
VCC
OUTPUT2
IN2 (-)
IN2 (+)
OUTPUT1
IN1 (-)
IN1 (+)
GND
LM2903,LM393/LM393A,LM293A
Dual Differential Comparator


Similar Part No. - LM2903N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2903N MOTOROLA-LM2903N Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
STMicroelectronics
LM2903N STMICROELECTRONICS-LM2903N Datasheet
796Kb / 18P
   Low-power dual voltage comparator
logo
National Semiconductor ...
LM2903N NSC-LM2903N Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM2903N TI1-LM2903N Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
NXP Semiconductors
LM2903N PHILIPS-LM2903N Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
More results

Similar Description - LM2903N

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
   Dual Differential Comparator
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
   Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
KA293 FAIRCHILD-KA293 Datasheet
84Kb / 10P
   Dual Differential Comparator
LM2903 FAIRCHILD-LM2903 Datasheet
77Kb / 8P
   Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com