Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA78M05RTM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA78M05RTM
Description  3-Terminal 0.5 A Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78M05RTM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA78M05RTM Datasheet HTML 1Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 2Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 3Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 4Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 5Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 6Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 7Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 8Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78M05 / LM78M05 / MC78M05 Rev. 1.1.0
1
August 2013
KA78M05 / LM78M05 / MC78M05
3-Terminal 0.5 A Positive Voltage Regulator
Features
• Output Current up to 0.5 A
• Output Voltages of 5 V
• Thermal Overload Protection
• Short-Circuit Protection
• Output Transistor Safe Operating Area (SOA) Protection
Ordering Information(1)
Note:
1. Refer to below figure for TM / TF suffix of DPAK packing option.
Product Number
Package
Packing Method
Operating Temperature
KA78M05TU
TO-220 (Dual Gauge)
Rail
0 to +125
°C
KA78M05RTM
D-PAK
Tape and Reel
MC78M05CDTX
LM78M05CT
TO-220 (Single Gauge)
Rail
Description
The KA78M05 / LM78M05 / MC78M05 series of three-
terminal positive regulators is available in the TO-220 / D-
PAK packages, making it useful in a wide range of appli-
cations.
TO-220
D-PAK
1. Input 2. GND 3. Output
1
1
GND
GND


Similar Part No. - KA78M05RTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results

Similar Description - KA78M05RTM

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
7815 SEMTECH_ELEC-7815 Datasheet
217Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com