Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP2121 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2121
Description  600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2121 Datasheet(HTML) 4 Page - Analog Devices

  ADP2121 Datasheet HTML 1Page - Analog Devices ADP2121 Datasheet HTML 2Page - Analog Devices ADP2121 Datasheet HTML 3Page - Analog Devices ADP2121 Datasheet HTML 4Page - Analog Devices ADP2121 Datasheet HTML 5Page - Analog Devices ADP2121 Datasheet HTML 6Page - Analog Devices ADP2121 Datasheet HTML 7Page - Analog Devices ADP2121 Datasheet HTML 8Page - Analog Devices ADP2121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP2121
Rev. B | Page 4 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VIN to GND
−0.3 V to +6 V
EN, MODE to GND
−0.3 V to VIN
FB, SW to GND
−0.3 V to VIN + 0.2 V
Operating Ambient Temperature Range
(I
LOAD ≤ 600 mA)
–40°C to +85°C
Operating Junction Temperature Range
–40°C to + 125°C
Storage Temperature
–45°C to +150°C
Soldering Conditions
JEDEC J-STD-020
ESD (Electrostatic Discharge)
Human Body Model
±4 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL DATA
Absolute maximum ratings apply individually only, not in
combination. The ADP2121 can be damaged when the junction
temperature limits are exceeded. Monitoring ambient tempera-
ture does not guarantee that the junction temperature (TJ) is
within the specified temperature limits. In applications with
high power dissipation and poor PCB thermal resistance, the
maximum ambient temperature may need to be derated. In
applications with moderate power dissipation and low PCB
thermal resistance, the maximum ambient temperature can
exceed the maximum limit as long as the junction temperature
is within specification limits.
The junction temperature (TJ) of the device is dependent on the
ambient temperature (TA), the power dissipation of the device
(PD), and the junction-to-ambient thermal resistance of the
package (θJA). Maximum junction temperature (TJ) is calculated
from the ambient temperature (TA) and power dissipation (PD)
using the following formula:
TJ = TA + (PD × θJA)
The junction-to-ambient thermal resistance (θJA) of the package
is based on modeling and calculation using a 2- and 4-layer
board. The junction-to-ambient thermal resistance is highly
dependent on the application and board layout. In applications
where high maximum power dissipation exists, close attention
to thermal board design is required.
The value of θJA may vary, depending on PCB material, layout,
and environmental conditions. Refer to JEDEC JESD51-9 for
detailed information about board construction.
THERMAL RESISTANCE
The junction-to-ambient thermal resistance of the system (θJA)
is specified for worst-case conditions, that is, a device soldered
in a circuit board for surface-mount packages.
Table 4.
Package Type
θ
JA
Unit
6-Ball WLCSP
2-Layer Board
198
°C/W
4-Layer Board
105
°C/W
ESD CAUTION


Similar Part No. - ADP2121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2120 AD-ADP2120 Datasheet
1Mb / 24P
   2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
ADP2120ACPZ-1.0-R7 AD-ADP2120ACPZ-1.0-R7 Datasheet
1Mb / 24P
   2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
ADP2120ACPZ-1.2-R7 AD-ADP2120ACPZ-1.2-R7 Datasheet
1Mb / 24P
   2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
ADP2120ACPZ-1.5-R7 AD-ADP2120ACPZ-1.5-R7 Datasheet
1Mb / 24P
   2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
ADP2120ACPZ-1.8-R7 AD-ADP2120ACPZ-1.8-R7 Datasheet
1Mb / 24P
   2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
More results

Similar Description - ADP2121

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Analog Devices
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2102 AD-ADP2102_15 Datasheet
792Kb / 24P
   Low Duty Cycle, 600 mA, 3 MHz Synchronous Step-Down DC-to-DC Converter
REV. B
ADP2126 AD-ADP2126_V01 Datasheet
893Kb / 20P
   Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
Rev. B
ADP2126 AD-ADP2126 Datasheet
845Kb / 20P
   Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com