Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC5020 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSC5020
Description  High Voltage, High Quality
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5020 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSC5020 Datasheet HTML 1Page - Fairchild Semiconductor KSC5020 Datasheet HTML 2Page - Fairchild Semiconductor KSC5020 Datasheet HTML 3Page - Fairchild Semiconductor KSC5020 Datasheet HTML 4Page - Fairchild Semiconductor KSC5020 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, December 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Figure 4. Turn On, Storage and Fall Time vs.
Collector Current
Figure 5. Base-Emitter On Voltage
Figure 6. Forward Bias Safe Operating Area
024
68
10
0
1
2
3
4
5
I
B
= 500mA
I
B
= 400mA
I
B
= 300mA
I
B
= 200mA
I
B = 100mA
I
B
= 50mA
I
B
= 20mA
I
B = 0
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
1
10
100
1000
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
I
C = 5 IB
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
0.1
1
10
0.01
0.1
1
10
V
CC
= 200V
I
C= 5IB1= -2.5IB2
t
F
t
ON
t
STG
I
C[A], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1
2
3
4
V
CE = 5V
V
BE[V], BASE-EMITTER VOLTAGE
1
10
100
1000
1E-3
0.01
0.1
1
10
100
P
C =
40W
50
µs
DC
I
CP(max)
I
C
(max)
V
CE[V], COLLECTOR-EMITTER VOLTAGE


Similar Part No. - KSC5020

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC5020 SAMSUNG-KSC5020 Datasheet
203Kb / 6P
   NPN (HIGH VOLTAGE, HIGH QUALITY)
More results

Similar Description - KSC5020

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC5020 SAMSUNG-KSC5020 Datasheet
203Kb / 6P
   NPN (HIGH VOLTAGE, HIGH QUALITY)
logo
List of Unclassifed Man...
800288 ETC2-800288 Datasheet
77Kb / 1P
   Consistent High Quality
logo
Sony Corporation
IMX377EQH5 SONY-IMX377EQH5 Datasheet
367Kb / 4P
   High image quality
logo
Assmann Electronics Inc...
AK-AV504-R ASSMANN-AK-AV504-R Datasheet
272Kb / 1P
   HIGH QUALITY STEREO
logo
TOCOSAMERICA, INC.
RPA TOCOS-RPA Datasheet
454Kb / 1P
   High Quality POTENTIOMETERS
logo
Sony Corporation
IMX377CQT SONY-IMX377CQT Datasheet
359Kb / 4P
   High image quality
logo
PHOENIX CONTACT
0831521 PHOENIX-0831521 Datasheet
53Kb / 2P
   High-quality appearance
logo
Fairchild Semiconductor
KSE5020S FAIRCHILD-KSE5020S Datasheet
52Kb / 4P
   High Voltage, High Quality High Speed Switching : tF=0.1關s
logo
OSRAM GmbH
LEDINSPECTPROBONNET1400 OSRAM-LEDINSPECTPROBONNET1400 Datasheet
109Kb / 3P
   High-quality aluminum housing
logo
XFMRS Inc.
XF0053T XFMRS-XF0053T Datasheet
28Kb / 1P
   HIGH QUALITY NETWORKING TRANSFORMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com