Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1636 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG1636
Description  1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1636 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG1636 Datasheet HTML 5Page - Analog Devices ADG1636 Datasheet HTML 6Page - Analog Devices ADG1636 Datasheet HTML 7Page - Analog Devices ADG1636 Datasheet HTML 8Page - Analog Devices ADG1636 Datasheet HTML 9Page - Analog Devices ADG1636 Datasheet HTML 10Page - Analog Devices ADG1636 Datasheet HTML 11Page - Analog Devices ADG1636 Datasheet HTML 12Page - Analog Devices ADG1636 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG1636
Rev. A | Page 9 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
1
2
3
4
5
6
7
8
S1A
D1
S1B
NC
GND
VSS
IN1
NC
16
15
14
13
12
11
10
9
NC
EN
VDD
S2A
IN2
D2
S2B
NC
ADG1636
TOP VIEW
(Not to Scale)
Figure 3. 16-Lead TSSOP Pin Configuration
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD TIED TO SUBSTRATE, VSS.
1
D1
2
S1B
3
VSS
4
GND
11 VDD
12 EN
10 S2B
9D2
TOP VIEW
(Not to Scale)
ADG1636
Figure 4. 16-Lead LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
TSSOP
LFCSP
1
15
IN1
Logic Control Input.
2
16
S1A
Source Terminal. This pin can be an input or output.
3
1
D1
Drain Terminal. This pin can be an input or output.
4
2
S1B
Source Terminal. This pin can be an input or output.
5
3
VSS
Most Negative Power Supply Potential.
6
4
GND
Ground (0 V) Reference.
7, 8, 15, 16
5, 7, 13, 14
NC
No Connection.
9
6
IN2
Logic Control Input.
10
8
S2A
Source Terminal. This pin can be an input or output.
11
9
D2
Drain Terminal. This pin can be an input or output.
12
10
S2B
Source Terminal. This pin can be an input or output.
13
11
VDD
Most Positive Power Supply Potential.
14
12
EN
Active High Digital Input. When this pin is low, the device is disabled and all switches are
off. When this pin is high, the Ax logic inputs determine the on switches.
N/A
17 (EPAD)
EP (EPAD)
Exposed Pad. Tied to substrate, VSS.
Table 8. ADG1636 TSSOP Truth Table
EN
INx
SxA
SxB
0
X
Off
Off
1
0
Off
On
1
1
On
Off
Table 9. ADG1636 LFCSP Truth Table
EN
INx
SxA
SxB
0
X
Off
Off
1
0
Off
On
1
1
On
Off


Similar Part No. - ADG1636

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1636BCPZ-REEL AD-ADG1636BCPZ-REEL Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BCPZ-REEL7 AD-ADG1636BCPZ-REEL7 Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BRUZ AD-ADG1636BRUZ Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BRUZ-REEL AD-ADG1636BRUZ-REEL Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BRUZ-REEL7 AD-ADG1636BRUZ-REEL7 Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
More results

Similar Description - ADG1636

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
logo
Vishay Siliconix
DG417LE VISHAY-DG417LE_V01 Datasheet
346Kb / 19P
   6 ??On-Resistance, 12 V, 짹 5 V, 5 V, 3 V, SPST and SPDT Switches
01-Jan-2022
logo
Analog Devices
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com