Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805GA102KAT9A Datasheet(PDF) 2 Page - AVX Corporation

Part # 0805GA102KAT9A
Description  High Voltage MLC Chips For 600V to 5000V Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805GA102KAT9A Datasheet(HTML) 2 Page - AVX Corporation

  0805GA102KAT9A Datasheet HTML 1Page - AVX Corporation 0805GA102KAT9A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
88
VOLTAGE
0805
1206
1210
1808
1812
1825
2220
2225
3640
600/630
min.
10pF
10 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
1000 pF
max.
330pF
1200 pF
2700 pF
3300 pF
5600 pF
0.012 μF
0.012 μF
0.018 μF
0.047 μF
min.
10pF
10 pF
10 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
1000
max.
180pF
560 pF
1500 pF
2200 pF
3300 pF
8200 pF
0.010 μF
0.010 μF
0.022 μF
min.
10 pF
10 pF
10 pF
10 pF
100 pF
100 pF
100 pF
100 pF
1500
max.
270 pF
680 pF
820 pF
1800 pF
4700 pF
4700 pF
5600 pF
0.010 μF
min.
10 pF
10 pF
10 pF
10 pF
100 pF
100 pF
100 pF
100 pF
2000
max.
120 pF
270 pF
330 pF
1000 pF
1800 pF
2200 pF
2700 pF
6800 pF
min.
10 pF
10 pF
10 pF
100 pF
100 pF
100 pF
2500
max.
180 pF
470 pF
1200 pF
1500 pF
1800 pF
3900 pF
min.
10 pF
10 pF
10 pF
10 pF
10 pF
100 pF
3000
max.
120 pF
330 pF
820 pF
1000 pF
1200 pF
2700 pF
min.
10 pF
10 pF
10 pF
10 pF
10 pF
100 pF
4000
max.
47 pF
150 pF
330 pF
470 pF
560 pF
1200 pF
min.
10 pF
10 pF
10 pF
5000
max.
220 pF
270 pF
820 pF
HIGH VOLTAGE C0G CAPACITANCE VALUES
VOLTAGE
0805
1206
1210
1808
1812
1825
2220
2225
3640
600/630
min.
100pF
1000 pF
1000 pF
1000 pF
1000 pF
0.010 μF
0.010 μF
0.010 μF
0.010 μF
max.
6800pF
0.022 μF
0.056 μF
0.068 μF
0.120 μF
0.270 μF
0.270 μF
0.330 μF
0.560 μF
min.
100pF
100 pF
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
0.010 μF
1000
max.
1500pF
6800 pF
0.015 μF
0.018 μF
0.039 μF
0.100 μF
0.120 μF
0.150 μF
0.220 μF
min.
100 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
1000 pF
1500
max.
2700 pF
5600 pF
6800 pF
0.015 μF
0.056 μF
0.056 μF
0.068 μF
0.100 μF
min.
10 pF
100 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
2000
max.
1500 pF
3300 pF
3300 pF
8200 pF
0.022 μF
0.027 μF
0.033 μF
0.027 μF
min.
10 pF
10 pF
100 pF
100 pF
100 pF
1000 pF
2500
max.
2200 pF
5600 pF
0.015 μF
0.018 μF
0.022 μF
0.022 μF
min.
10 pF
10 pF
100 pF
100 pF
100 pF
1000 pF
3000
max.
1800 pF
3900 pF
0.010 μF
0.012 μF
0.015 μF
0.018 μF
min.
100 pF
4000
max.
6800 pF
min.
100 pF
5000
max.
3300 pF
HIGH VOLTAGE X7R MAXIMUM CAPACITANCE VALUES
X7R Dielectric
Performance Characteristics
Capacitance Range
10 pF to 0.047 μF
(25°C, 1.0 ±0.2 Vrms at 1kHz, for ≤ 1000 pF use 1 MHz)
Capacitance Tolerances
±5%, ±10%, ±20%
Dissipation Factor
0.1% max. (+25°C, 1.0 ±0.2 Vrms, 1kHz, for ≤ 1000 pF use 1 MHz)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
0 ±30 ppm/°C (0 VDC)
Voltage Ratings
600, 630, 1000, 1500, 2000, 2500, 3000, 4000 & 5000 VDC (+125°C)
Insulation Resistance (+25°C, at 500 VDC)
100K MΩ min. or 1000 MΩ - μF min., whichever is less
Insulation Resistance (+125°C, at 500 VDC)
10K MΩ min. or 100 MΩ - μF min., whichever is less
Dielectric Strength
Minimum 120% rated voltage for 5 seconds at 50 mA max. current
C0G Dielectric
Performance Characteristics
Capacitance Range
10 pF to 0.56 μF (25°C, 1.0 ±0.2 Vrms at 1kHz)
Capacitance Tolerances
±10%; ±20%; +80%, -20%
Dissipation Factor
2.5% max. (+25°C, 1.0 ±0.2 Vrms, 1kHz)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
±15% (0 VDC)
Voltage Ratings
600, 630, 1000, 1500, 2000, 2500, 3000, 4000 & 5000 VDC (+125°C)
Insulation Resistance (+25°C, at 500 VDC)
100K MΩ min. or 1000 MΩ - μF min., whichever is less
Insulation Resistance (+125°C, at 500 VDC)
10K MΩ min. or 100 MΩ - μF min., whichever is less
Dielectric Strength
Minimum 120% rated voltage for 5 seconds at 50 mA max. current
High Voltage MLC Chips
For 600V to 5000V Applications


Similar Part No. - 0805GA102KAT9A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805GA102KAT1A AVX-0805GA102KAT1A Datasheet
483Kb / 5P
   High Voltage MLC Chips
0805GA102KAT2A AVX-0805GA102KAT2A Datasheet
483Kb / 5P
   High Voltage MLC Chips
0805GA102KAT3A AVX-0805GA102KAT3A Datasheet
483Kb / 5P
   High Voltage MLC Chips
0805GA102KAT4A AVX-0805GA102KAT4A Datasheet
483Kb / 5P
   High Voltage MLC Chips
More results

Similar Description - 0805GA102KAT9A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
3640HC183KAT9A AVX-3640HC183KAT9A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1808AA471JAT1A AVX-1808AA471JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1825GC471KATME AVX-1825GC471KATME Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
MLC AVX-MLC_V01 Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1825GC471KAT1A AVX-1825GC471KAT1A Datasheet
99Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
12067C103KAT2A AVX-12067C103KAT2A Datasheet
82Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210GC102KAT2A AVX-1210GC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210GC102KAT1A AVX-1210GC102KAT1A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
2225AC473KAT1A AVX-2225AC473KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1808HA470JAT1A AVX-1808HA470JAT1A Datasheet
118Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com