Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E215MD9WPE Datasheet(PDF) 1 Page - C&K Components

Part # E215MD9WPE
Description  E Series Sealed Miniature Toggle Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

E215MD9WPE Datasheet(HTML) 1 Page - C&K Components

  E215MD9WPE Datasheet HTML 1Page - C&K Components E215MD9WPE Datasheet HTML 2Page - C&K Components E215MD9WPE Datasheet HTML 3Page - C&K Components E215MD9WPE Datasheet HTML 4Page - C&K Components E215MD9WPE Datasheet HTML 5Page - C&K Components E215MD9WPE Datasheet HTML 6Page - C&K Components E215MD9WPE Datasheet HTML 7Page - C&K Components E215MD9WPE Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
F–17
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
E Series
Sealed Miniature Toggle Switches
Features/Benefits
Sealed against solder and cleaning
process contaminants
UL 94V-0 Nylon case and bushing
Multi-positions
ESD protection available
RoHS compliant models available
Typical Applications
Telecommunications
Instrumentation
Medical equipment
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @
20 V AC or DC max. Q contact material: E1XX & E2XX
MODELS: 7.5 AMPS @ 125 V AC or 28 V DC;
3 AMPS @ 250 V AC. E3XX MODELS: 5 AMPS @
125 V AC or 28 V DC; 2 AMPS @ 250 V AC. See page
F-25 for additional ratings.
ELECTRICAL LIFE: E1XX and E2XX models: 40,000 make-and-break
cycles at full load. E3XX models: 30,000 cycles.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
ELECTROSTATIC DISCHARGE (ESD) OPTION: F1 conductive
bushing only. Dissipates up to 20,000 V DC from actuator
to ground.
DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
DEGREE OF PROTECTION: IP57; Protection against harmful dust
deposit, full-scale voltage protection, temporary immersion.
Materials
CASE & BUSHING: Glass filled nylon 6/6, flame retardant, heat
stabilized (UL 94V-0). F1 conductive bushing option is
impregnated with carbon fibers.
ACTUATOR: Brass, chrome plated with internal o-ring seal standard.
SWITCH SUPPORT: Brass or steel, matte-tin plated.
SWITCH SUPPORT RETAINER: Stainless steel.
CONTACTS & TERMINALS: B contact material: Copper alloy,
with gold plate over nickel plate. Q contact material: Copper alloy,
silver plated. See page F-29 for additional contact materials.
TERMINAL SEAL: Epoxy.
HARDWARE: Nut & Locking ring: Brass, nickel plated.
Lockwasher: Steel, nickel plated.
NOTE: Any models supplied with P, S, R, Q, B or G contact material are RoHS compliant
and compatible.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages F–18 thru F–24. For additional options not shown in catalog, consult our Customer Service Center. All
models are process sealed to withstand machine soldering temperatures and pressure wash cleaning methods.
Switch Function
E101 SP, On-None-On
E103 SP, On-Off-On
E105 SP, Mom.-Off-Mom.
E107 SP, On-Off-Mom.
E108 SP, On-None-Mom.
E201 DP, On-None-On
E203 DP, On-Off-On
E205 DP, Mom.-Off-Mom.
E207 DP, On-Off-Mom.
E208 DP, On-None-Mom.
E211 DP, On-On-On
E213 DP, On-On-Mom.
E215 DP, Mom.-On-Mom.
E301 3P, On-None-On
* F1 available with SP and DP
versions only, please see
page F-19
Actuator
M .300" high
S .500" high
L3 Plastic, .940" high
Terminations
A
Right angle, PC thru-hole
AV2 Vertical right angle, PC thru-hole
C
PC Thru-hole
V3
.460" high, V-bracket
Z
Solder lug
A3
Right angle, PC thru-hole
AV3 Vertical right angle, PC thru-hole
V6
.460" high, V-bracket
V9
1.150" high, V-bracket
V31 .460" high, snap-in V-bracket
V61 .460" high, snap-in V-bracket
W
.750" long, wire wrap
Z3
Quick connect
Bushing
D1 .250" high
F1 Conductive,
.250" high*
D9 .280" high
Y
Threaded, .350" high
Contact Material
B Gold
P Gold, matte-tin
Q Silver
S Silver, matte-tin
G Gold over silver
R Gold over silver, matte-tin
Seal
E Epoxy
Models Available


Similar Part No. - E215MD9WPE

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E215 GILWAY-E215 Datasheet
71Kb / 2P
   Rectangular LEDs
logo
MicroPower Direct, LLC
E215 MPD-E215 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
C&K Components
E215 CK-COMPONENTS-E215 Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
E215 CK-COMPONENTS-E215 Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E215 CK-COMPONENTS-E215 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results

Similar Description - E215MD9WPE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com