Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYV0704SMTF Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FYV0704SMTF
Description  High frequency properties and switching speed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FYV0704SMTF Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FYV0704SMTF Datasheet HTML 1Page - Fairchild Semiconductor FYV0704SMTF Datasheet HTML 2Page - Fairchild Semiconductor FYV0704SMTF Datasheet HTML 3Page - Fairchild Semiconductor FYV0704SMTF Datasheet HTML 4Page - Fairchild Semiconductor FYV0704SMTF Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A, May 2001
Typical Characteristics
Figure 1. Typical Forward Voltage Characteristics
Figure 3. Total Diode Capacitance
Figure 5. Forward Current Derating Curve
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Thermal Impedance Characteristics
Figure 6. Non-Repetive Surge Current
0.001
0.01
0.1
1
0.0
0.5
1.0
TJ=125
o
C
TJ=75
o
C
TJ=25
o
C
Forward Voltage Drop, VF[V]
0
1020
3040
10
20
30
40
50
60
70
80
90
100
TJ=25
o
C
Reverse Voltage, VR[V]
0
20
40
60
80
100
120
140
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
DC
Ambient Temperature, TA [
o
C]
0
102030
40
0.001
0.01
0.1
1
10
100
TJ=125
o
C
TJ=75
o
C
TJ=25
o
C
Reverse Voltage, VR[V]
1m
10m
100m
1
10
100
1
10
100
1000
Pulse Duration [s]
110
100
0
2
4
6
8
10
Number of Cycles @ 60Hz


Similar Part No. - FYV0704SMTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FYV0704S FAIRCHILD-FYV0704S Datasheet
40Kb / 4P
   SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
FYV0704S SUNMATE-FYV0704S Datasheet
297Kb / 2P
   FAST SWITCHING DIODES
More results

Similar Description - FYV0704SMTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FYPF2010DNTU FAIRCHILD-FYPF2010DNTU Datasheet
57Kb / 4P
   High frequency properties and switching speed
logo
List of Unclassifed Man...
FYPF2045DNTU ETC2-FYPF2045DNTU Datasheet
57Kb / 4P
   Low forward voltage drop, High frequency properties and switching speed
logo
NEC
2SC2721 NEC-2SC2721 Datasheet
213Kb / 4P
   High Frequency Amplifier, Medium Speed Switching
logo
Hitachi Semiconductor
2SC1781H HITACHI-2SC1781H Datasheet
43Kb / 1P
   HIGH FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING
logo
Sanyo Semicon Device
FC154 SANYO-FC154 Datasheet
248Kb / 7P
   High-Speed Switching, High-Frequency Amp Applications
logo
Continental Device Indi...
CSB772 CDIL-CSB772 Datasheet
136Kb / 3P
   Audio Frequency Power Amplifier and Low Speed Switching
logo
KODENSHI_AUK CORP.
SDB20100P-1 KODENSHI-SDB20100P-1 Datasheet
256Kb / 4P
   High speed switching and rectification
logo
Toshiba Semiconductor
2SC503 TOSHIBA-2SC503 Datasheet
464Kb / 3P
   HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH SPEED SWITCHING APPLICATIONS.
logo
KODENSHI_AUK CORP.
SF10A400HDS-1 KODENSHI-SF10A400HDS-1 Datasheet
344Kb / 4P
   High speed switching and rectification
logo
Hitachi Semiconductor
2SJ114 HITACHI-2SJ114 Datasheet
118Kb / 3P
   HIGH SPEED POWER SWITCHING, HIGH FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com