Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA-JET-ARM14 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA-JET-ARM14
Description  JTAG Probes for Signum Emulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA-JET-ARM14 Datasheet(HTML) 4 Page - Analog Devices

  ADA-JET-ARM14 Datasheet HTML 1Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 2Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 3Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 4Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 5Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 6Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 7Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 8Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
S I GN U M
S Y S T E M S
2
JTAG Probes for ARM
ADA-JET-ARM20 and ADA-JET-ARM14
Signum JTAG probes for ARM provide a physical interface between Signum emulators for the ARM processor
and ARM target boards. These probes have 20-pin (ADA-JET-ARM20) and 14-pin (ADA-JET-ARM14)
double-row, polarized, .100" × .100". (2.54 mm × 2.54 mm) female connectors. Signum JTAG probes come
with a 30.5 cm (12 in.) cable. The layout and dimensions of the probes are shown in Figure 1 through Figure 10.
FIGURE 1 The 20-pin JTAG ADA-JET-ARM20 probe
for ARM.
FIGURE 2 The pinout of the ADA-JET-ARM20
probe. Top view.
FIGURE 3 The 14-pin JTAG ADA-JET-ARM14 probe
for ARM.
FIGURE 4
The pinout of the 14-pin JTAG
probe for ARM. Top view.
Pin 1
Pin 1


Similar Part No. - ADA-JET-ARM14

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
ADA-0416 MARKIMICROWAVE-ADA-0416 Datasheet
469Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
ADA-1030 MARKIMICROWAVE-ADA-1030 Datasheet
470Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
   AMPLIFIER/DOUBLER/AMPLIFIER
logo
Agilent(Hewlett-Packard...
ADA-4543 HP-ADA-4543 Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
More results

Similar Description - ADA-JET-ARM14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VYBRIDFSERIESEC NXP-VYBRIDFSERIESEC Datasheet
1Mb / 122P
   Standard JTAG
Rev. 9, 01/2018
logo
STMicroelectronics
UM0139 STMICROELECTRONICS-UM0139 Datasheet
2Mb / 38P
   The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
June 2007 Rev 6
logo
Maxim Integrated Produc...
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
   USB Host Adapter Emulators
19-6472; Rev 4; 9/16
logo
STMicroelectronics
UM0244 STMICROELECTRONICS-UM0244 Datasheet
152Kb / 11P
   FlashLINK JTAG programming cable for STR9
logo
Vaisala
HPP270 VAISALA-HPP270 Datasheet
334Kb / 4P
   Probes
logo
Pomona Electronics
6354 POMONA-6354 Datasheet
23Kb / 1P
   Replacement Tips For Test Probes
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
logo
NXP Semiconductors
VYBRIDRSERIESEC NXP-VYBRIDRSERIESEC Datasheet
1Mb / 125P
   Standard JTAG
Rev. 8, 01/2018
logo
Spectrum Microwave, Inc...
XDS560R SPECTRUM-XDS560R Datasheet
62Kb / 1P
   XDS560R USB JTAG Emulator with 14-pin JTAG Header
logo
Agilent(Hewlett-Packard...
W2630 HP-W2630 Datasheet
387Kb / 12P
   DDR2 BGA Probes for Logic Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com