Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD-30SMS Datasheet(PDF) 2 Page - CUI INC

Part # MD-30SMS
Description  MINI DIN CONNECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MD-30SMS Datasheet(HTML) 2 Page - CUI INC

  MD-30SMS Datasheet HTML 1Page - CUI INC MD-30SMS Datasheet HTML 2Page - CUI INC MD-30SMS Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ SERIES: MD-XXSMS │ DESCRIPTION: MINI DIN CONNECTOR
date
02/10/2012 │ page 2 of 3
6.5 0.256
5.0 0.197
10.0 0.394
0.185
4.7
0.433
11.0
5.5 0.217
3.4 0.134
8.5 0.335
7
1
2
3
4
5
8
6
1.0
(4 PLCS)
0.551
14.0
0.504
12.8
0.039
0.138
(TYP)
3.5
0.2 0.008
(4 PLCS)
13.1 0.516
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
MATERIAL
PLATING
earth terminal
brass
tin
contact terminals (1~8)
phosphor bronze
silver
shield plate
steel
tin
housing
PBT
1
2
3
2
1
3
4
4
5
1
3
2
1.3 0.051
0.217
(2 PLCS)
5.5
0.433
(2 PLCS)
0.185
4.7
11.0
0.335
(3 PLCS)
6.8 0.268
8.5
13.5 0.531
1
2
5
4
0.7X2.2
(3 PLCS)
3
PCB LAYOUT
TOP VIEW
6.8 0.268
0.531
13.5
0.217
(2 PLCS)
5.5
0.433
(2 PLCS)
0.185
4.7
11.0
0.335
(2 PLCS)
8.5
0.7X2.2
(3 PLCS)
PCB LAYOUT
TOP VIEW
2
4
3
1
11.0 0.433
0.531
13.5
0.035
0.217
(2 PLCS)
0.185
4.7
5.5
6.8 0.268
0.9 0.035
0.9±0.1
(3 PLCS)
0.335
8.5
(2 PLCS)
1
3
0.7X2.2
(3 PLCS)
2
PCB LAYOUT
TOP VIEW
0.035
0.9±0.1
(4 PLCS)
0.035
0.9±0.1
(5 PLCS)
MD-30SMS
MD-40SMS
MD-50SMS


Similar Part No. - MD-30SMS

ManufacturerPart #DatasheetDescription
logo
CUI INC
MD-30SM CUI-MD-30SM Datasheet
216Kb / 4P
   MINI DIN CONNECTOR
MD-30SM CUI-MD-30SM Datasheet
449Kb / 4P
   MINI DIN CONNECTOR
logo
CUI Devices
MD-30SM CUID-MD-30SM Datasheet
580Kb / 5P
   MINI DIN CONNECTOR
11/23/2022
logo
CUI INC
MD-30SMK CUI-MD-30SMK Datasheet
181Kb / 3P
   MINI DIN CONNECTOR
MD-30SMK CUI-MD-30SMK Datasheet
287Kb / 4P
   MINI DIN CONNECTOR
More results

Similar Description - MD-30SMS

ManufacturerPart #DatasheetDescription
logo
CUI INC
MD-30J CUI-MD-30J Datasheet
135Kb / 3P
   MINI DIN CONNECTOR
MD-30SP CUI-MD-30SP Datasheet
100Kb / 3P
   MINI DIN CONNECTOR
MD-30SN CUI-MD-30SN Datasheet
138Kb / 3P
   MINI DIN CONNECTOR
MD2-ST-SMT CUI-MD2-ST-SMT Datasheet
223Kb / 3P
   MINI DIN CONNECTOR
MD-FC CUI-MD-FC Datasheet
236Kb / 4P
   MINI DIN CONNECTOR
MD-J CUI-MD-J Datasheet
232Kb / 3P
   MINI DIN CONNECTOR
MD-PL100 CUI-MD-PL100 Datasheet
203Kb / 3P
   MINI DIN CONNECTOR
MD-S CUI-MD-S Datasheet
246Kb / 4P
   MINI DIN CONNECTOR
MD-SM CUI-MD-SM Datasheet
449Kb / 4P
   MINI DIN CONNECTOR
MD-PL100 CUI-MD-PL100_V01 Datasheet
281Kb / 3P
   MINI DIN CONNECTOR
10/14/2019
MD-XXSMK CUI-MD-XXSMK Datasheet
181Kb / 3P
   MINI DIN CONNECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com