Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5669R Datasheet(PDF) 1 Page - Analog Devices

Part # AD5669R
Description  Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5669R Datasheet(HTML) 1 Page - Analog Devices

  AD5669R Datasheet HTML 1Page - Analog Devices AD5669R Datasheet HTML 2Page - Analog Devices AD5669R Datasheet HTML 3Page - Analog Devices AD5669R Datasheet HTML 4Page - Analog Devices AD5669R Datasheet HTML 5Page - Analog Devices AD5669R Datasheet HTML 6Page - Analog Devices AD5669R Datasheet HTML 7Page - Analog Devices AD5669R Datasheet HTML 8Page - Analog Devices AD5669R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Octal, 12-/16-Bit, I2C, denseDACs
with 5 ppm/°C On-Chip Reference
Data Sheet
AD5629R/AD5669R
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power octal DACs
AD5629R: 12 bits
AD5669R: 16 bits
2.6 mm × 2.6 mm 16-ball WLCSP
4 mm × 4 mm 16-lead LFCSP and 16-lead TSSOP
On-chip 1.25 V/2.5 V, 5 ppm/°C reference
Power down to 400 nA at 5 V, 200 nA at 3 V
2.7 V to 5.5 V power supply
Guaranteed monotonic by design
Power-on reset to zero scale or midscale
3 power-down functions
Hardware
A
LDACE
A
and
A
CLRE
A
functions
I2C-compatible serial interface supports standard (100 kHz)
and fast (400 kHz) modes
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
FUNCTIONAL BLOCK DIAGRAM
VDD
1.25V/2.5V REF
VREFIN/VREFOUT
LDAC
LDAC
CLR
GND
INPUT
REGISTER
DAC
REGISTER
STRING
DAC A
VOUTA
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
VOUTB
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC C
VOUTC
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC D
VOUTD
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC E
VOUTE
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC F
VOUTF
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC G
VOUTG
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC H
VOUTH
BUFFER
POWER-ON RESET
POWER-DOWN LOGIC
SCL
SDA
A0
AD5629R/AD5669R
Figure 1.
GENERAL DESCRIPTION
The AD5629R/AD5669R devices are low power, octal, 12-/16-
bit, buffered voltage-output DACs. All devices are guaranteed
monotonic by design.
The AD5629R/AD5669R have an on-chip reference with an
internal gain of 2. The AD5629R-1/AD5669R-1 have a 1.25 V,
5 ppm/°C reference, giving a full-scale output range of 2.5 V.
The AD5629R-2/AD5629R-3 and the AD5669R-2/AD5669R-3
have a 2.5 V 5 ppm/°C reference, giving a full-scale output range
of 5 V depending on the option selected. Devices with 1.25 V
reference selected operate from a single 2.7 V to 5.5 V supply.
Devices with 2.5 V reference selected operate from 4.5 V to 5.5 V.
The on-chip reference is off at power-up, allowing the use of an
external reference. The internal reference is enabled via a
software write.
The parts incorporate a power-on reset circuit to ensure that the
DAC output powers up to 0 V (AD5629R-1/AD5629R-2,
AD5669R-1/AD5669R-2) or midscale (AD5629R-3/AD5669R-3)
and remains powered up at this level until a valid write takes
place. The part contains a power-down feature that reduces the
current consumption of the device to 400 nA at 5 V and
provides software-selectable output loads while in power-down
mode for any or all DAC channels.
PRODUCT HIGHLIGHTS
1.
Octal, 12-/16-bit DACs.
2.
On-chip 1.25 V/2.5 V, 5 ppm/°C reference.
3.
Available in 16-lead LFCSP and TSSOP, and 16-ball
WLCSP.
4.
Power-on reset to 0 V or midscale.
5.
Power-down capability. When powered down, the DAC
typically consumes 200 nA at 3 V and 400 nA at 5 V.


Similar Part No. - AD5669R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5669RACPZ-2-RL7 AD-AD5669RACPZ-2-RL7 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5669RACPZ-3-RL7 AD-AD5669RACPZ-3-RL7 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5669RARUZ-1 AD-AD5669RARUZ-1 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5669RARUZ-1-RL7 AD-AD5669RARUZ-1-RL7 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5669RBCBZ-1-R5 AD-AD5669RBCBZ-1-R5 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
More results

Similar Description - AD5669R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5629R AD-AD5629R_18 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com