Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD-60SF Datasheet(PDF) 2 Page - CUI INC

Part # MD-60SF
Description  MINI DIN CONNECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MD-60SF Datasheet(HTML) 2 Page - CUI INC

  MD-60SF Datasheet HTML 1Page - CUI INC MD-60SF Datasheet HTML 2Page - CUI INC MD-60SF Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ SERIES: MD-XXSF │ DESCRIPTION: MINI DIN CONNECTOR
date
02/29/2012 │ page 2 of 3
3.7 0.15
4.7 0.19
0.43
11.0
8.5 0.33
7
1
2
54
3
6
8
13.0 0.51
0.56
14.1
3.5 0.14
(TYP)
0.26
6.5
0.3 0.01
0.01
(TYP)
2.0 0.08
0.3
0.7 0.03
(8 PLCS)
5.5 0.22
13.2 0.52
0.01
0.3
(8 PLCS)
2.0 0.08
(TYP)
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
MATERIAL
PLATING
earth terminal
brass
tin
contact terminals (1~8)
phosphor bronze
silver
housing
PBT
0.9 0.04
(5 PLCS)
0.53
13.5
0.19
4.7
0.33
(3 PLCS)
8.5
0.22
(2 PLCS)
5.5
0.43
(2 PLCS)
6.8 0.27
11.0
1.3 0.05
PCB LAYOUT
TOP VIEW
21
4
3
0.7X2.2
(3 PLCS)
5
5
2
4
3
1
6.8 0.27
0.53
13.5
0.19
4.7
0.33
(2 PLCS)
8.5
0.22
(2 PLCS)
5.5
0.43
(2 PLCS)
11.0
0.9 0.04
(4 PLCS)
PCB LAYOUT
TOP VIEW
1
3
2
0.7X2.2
(3 PLCS)
4
1
3
4
2
11.0 0.43
0.53
13.5
0.19
4.7
0.33
(2 PLCS)
8.5
0.22
(2 PLCS)
0.04
0.9
0.27
6.8
5.5
0.9 0.04
(3 PLCS)
PCB LAYOUT
TOP VIEW
1
3
0.7X2.2
(3 PLCS)
2
2
3
1
MD-30SF
MD-40SF
MD-50SF


Similar Part No. - MD-60SF

ManufacturerPart #DatasheetDescription
logo
CUI INC
MD-60SFK CUI-MD-60SFK Datasheet
143Kb / 3P
   MINI DIN CONNECTOR
More results

Similar Description - MD-60SF

ManufacturerPart #DatasheetDescription
logo
CUI INC
MD-30J CUI-MD-30J Datasheet
135Kb / 3P
   MINI DIN CONNECTOR
MD-30SP CUI-MD-30SP Datasheet
100Kb / 3P
   MINI DIN CONNECTOR
MD-30SN CUI-MD-30SN Datasheet
138Kb / 3P
   MINI DIN CONNECTOR
MD2-ST-SMT CUI-MD2-ST-SMT Datasheet
223Kb / 3P
   MINI DIN CONNECTOR
MD-FC CUI-MD-FC Datasheet
236Kb / 4P
   MINI DIN CONNECTOR
MD-J CUI-MD-J Datasheet
232Kb / 3P
   MINI DIN CONNECTOR
MD-PL100 CUI-MD-PL100 Datasheet
203Kb / 3P
   MINI DIN CONNECTOR
MD-S CUI-MD-S Datasheet
246Kb / 4P
   MINI DIN CONNECTOR
MD-SM CUI-MD-SM Datasheet
449Kb / 4P
   MINI DIN CONNECTOR
MD-PL100 CUI-MD-PL100_V01 Datasheet
281Kb / 3P
   MINI DIN CONNECTOR
10/14/2019
MD-XXSMK CUI-MD-XXSMK Datasheet
181Kb / 3P
   MINI DIN CONNECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com