Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM3052 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FODM3052
Description  4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM3052 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FODM3052 Datasheet HTML 1Page - Fairchild Semiconductor FODM3052 Datasheet HTML 2Page - Fairchild Semiconductor FODM3052 Datasheet HTML 3Page - Fairchild Semiconductor FODM3052 Datasheet HTML 4Page - Fairchild Semiconductor FODM3052 Datasheet HTML 5Page - Fairchild Semiconductor FODM3052 Datasheet HTML 6Page - Fairchild Semiconductor FODM3052 Datasheet HTML 7Page - Fairchild Semiconductor FODM3052 Datasheet HTML 8Page - Fairchild Semiconductor FODM3052 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODM30XX Rev. 1.0.6
April 2009
FODM3011, FODM3012, FODM3022, FODM3023,
FODM3052, FODM3053
4-Pin Full Pitch Mini-Flat Package Random-Phase Triac
Driver Output Optocouplers
Features
Compact 4-pin surface mount package (2.4 mm
maximum standoff height)
Peak blocking voltage
250V (FODM301X)
400V (FODM302X)
600V (FODM305X)
Available in tape and reel quantities of 2500.
Add “NF098” for new construction version with 260°C
max. reflow temperature rating
UL, C-UL and VDE certifications pending
Applications
Industrial controls
Traffic lights
Vending machines
Applications (Continued)
Solid state relay
Lamp ballasts
Solenoid/valve controls
Static AC power switch
Incandescent lamp dimmers
Motor control
Description
The FODM301X, FODM302X, and FODM305X series
consists of a GaAs infrared emitting diode driving a
silicon bilateral switch housed in a compact 4-pin
mini-flat package. The lead pitch is 2.54mm. They are
designed for interfacing between electronic controls and
power triacs to control resistive and inductive loads for
115V/240V operations.
Package Dimensions
1
2
4
3
MAIN
TERMINAL
MAIN
TERMINAL
ANODE
CATHODE
Note:
All dimensions are in millimeters.
4.40
±0.20
2.54
±0.25
3.60
±0.30
2.00
±0.20
0.10
±0.10
0.40
±0.10
5.30
±0.30
7.00
+0.2
–0.7
0.20
±0.05


Similar Part No. - FODM3052

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM3052 FAIRCHILD-FODM3052 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
FODM3052 FAIRCHILD-FODM3052 Datasheet
478Kb / 8P
   4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
FODM3052 FAIRCHILD-FODM3052 Datasheet
255Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3052 FAIRCHILD-FODM3052 Datasheet
479Kb / 8P
   4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
FODM3052 FAIRCHILD-FODM3052 Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results

Similar Description - FODM3052

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM30XX FAIRCHILD-FODM30XX Datasheet
173Kb / 11P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R2 FAIRCHILD-FODM3012R2 Datasheet
255Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011 Datasheet
942Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October-2017, Rev. 2
logo
Fairchild Semiconductor
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FODM3051 FAIRCHILD-FODM3051_05 Datasheet
478Kb / 8P
   4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V02 Datasheet
224Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
FODM3011 FAIRCHILD-FODM3011_09 Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3023R2 FAIRCHILD-FODM3023R2 Datasheet
493Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3010 FAIRCHILD-FODM3010_05 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R FAIRCHILD-FODM3012R Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com