Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

253059B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 253059B
Description  138.24 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

253059B Datasheet(HTML) 1 Page - Integrated Technology Future

  253059B Datasheet HTML 1Page - Integrated Technology Future 253059B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
138.24 MHz SAW Filter
Part Number 253059B
Tel: 82-32-621-1213
2011. 08. 25
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
1. Features
Typical 1dB bandwidth of 29.8 MHz
High attenuation
Single Ended Operation
Surface Mounted Package (SMD)
2. Electrical Specifications
Source and Load Impedance = 50
Operating Temperature :
+25℃
Minimum
Typical
Maximum
Center Frequency (fo)
MHz
-
138.24
-
Insertion Loss
dB
-
23.5
25.5
1dB Bandwidth
MHz
29.7
29.8
-
3dB Bandwidth
MHz
-
30.25
-
20dB Bandwidth
MHz
-
31.58
31.8
40dB Bandwidth
MHz
-
32.2
32.4
Amplitude Ripple (fo ± 14.5 MHz)
dB
-
0.65
1.0
Group Delay Variation (fo ± 14.5 MHz)
nsec
-
25
60
Absolute Delay
usec
-
1.46
-
Ultimate Rejection
dB
45
50
-
Temperature Coefficient of Frequency
ppm/℃
-
-72
-
S1365 Package Dimension
Matching Schematic
Input
11
Ground
12, 6
12
11
10
9
8
7
6
5
4
3
2
1
0.80±0.1
1.50±0.1
2.54±0.1
7.62±0.1
13.30±0.2
1
2
3
4
10
9
8
7
5
6
11
12
Dimensions shown are nominal in millimeters
Body : Al2O3
Lid : Kovar, Ni Plated
Termination : Au plating 0.3 ~ 1.0um, over a 1.27 ~ 8.89um Ni Plating
Output
5
Others
Ground
Output
50Ω
Input
50Ω
ITF 11A001
253059B
。138.24-29.8M
11
5
56nH
47nH
330nH


Similar Part No. - 253059B

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2530590000I WEIDMULLER-2530590000I Datasheet
561Kb / 5P
   VPU PV III 3 R 1500
More results

Similar Description - 253059B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2148B MURATA-SF2148B Datasheet
517Kb / 5P
   138.24 MHz SAW Filter
logo
Oscilent Corporation
813-SL138.24M-20A OSCILENT-813-SL138.24M-20A Datasheet
219Kb / 6P
   138.24 MHz IF SAW Filter 21.95 MHz Bandwidth
logo
Transko Electronics, In...
TL13820AV TRANSKO-TL13820AV Datasheet
538Kb / 4P
   138.24 MHz IF SAW Filter / 21.95 MHz Bandwidth
Revision 0: 28 Nov. 2008
TL13820BS TRANSKO-TL13820BS Datasheet
563Kb / 4P
   138.24 MHz IF SAW Filter / 22.46 MHz Bandwidth
Revision 0: 02 Dec. 2008
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com