Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEOSXDO3B Datasheet(PDF) 3 Page - Tyco Electronics

Part # PEOSXDO3B
Description  Versatile Power Entry Module with Small Footprint
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PEOSXDO3B Datasheet(HTML) 3 Page - Tyco Electronics

  PEOSXDO3B Datasheet HTML 1Page - Tyco Electronics PEOSXDO3B Datasheet HTML 2Page - Tyco Electronics PEOSXDO3B Datasheet HTML 3Page - Tyco Electronics PEOSXDO3B Datasheet HTML 4Page - Tyco Electronics PEOSXDO3B Datasheet HTML 5Page - Tyco Electronics PEOSXDO3B Datasheet HTML 6Page - Tyco Electronics PEOSXDO3B Datasheet HTML 7Page - Tyco Electronics PEOSXDO3B Datasheet HTML 8Page - Tyco Electronics PEOSXDO3B Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
P Series
Versatile Power Entry Module with Small Footprint (continued)
194
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
P series power entry modules include the voltage
selector integral with the fuse holder. Three voltage
selection options are each supported by one of three
different fuse holders. The fifth digit of the part
number specifies which of the three fuse holders is
included to provide the desired voltage selection.
The single voltage fuse holder (option “0”) has no
voltage indication markings. The dual voltage options
select 115V or 230V by removing the fuse holder, flip-
ping it over, and reinstalling it. Voltage selection is
indicated through a window in the P Series door. The
“SMPS” fuse holder (option “S”) jumpers two inde-
pendent P Series terminals to indicate 230V
operation to a switching mode power supply. The
“PRSR” parallel/serial fuse holder (option “X”)
connects the windings of the equipment’s dual
primary transformer (not included) to step down the
voltage or double up the current. The markings on
the voltage selection fuse holders also remind the
user to install the appropriate fuse for the current at
the selected voltage.
Voltage Selection
Input Voltage Selection Schemes
X - “PRSR” Parallel / Serial Type for
Dual Primary Transformer
115V
230V
Note 1
Note 2
Note 2
Note 1
A
B
C
D
Power on/off
115V
115V
Neutral
Provision for
single fusing
Transformer
primary
G
H
Hot
Ground
S - “SPMS” Jumper Type
115V
230V
Note 1
Note 1
Note 1
Note 1
A
B
C
D
Power on/off
Neutral
Provision for
single fusing
G
H
Power
input
Sel.
Jumpers
SMPS
Hot
Ground

 

Shield Options
The P series offers several RF shield options. The
metal shield, optional on S, H and B filtered models,
provides shielding from radiated emissions and
provides an RF ground for the filter to the panel. This
shield is available in two versions; a shield of the filter
components (designated by an A as the final digit)
and a complete shield (designated by B as the final
digit).
The A shield covers the filter portion of the module
and increases performance of the filter by protecting
the components from RFI coupling. This shield
allows the use of the C or J extender.
The B shield covers the entire power entry module
with metal, protecting the filter from RFI coupling,
and covering the mounting cut-out to block RFI
entering or leaving the equipment. The B shield
cannot be used with any extender.
A complete metal enclosure is integral to both the
high performance L and Z models, and must be spec-
ified by a C in the part number’s final digit. This
option is only available with the L or Z models.
“A” Shield
“B” Shield


Similar Description - PEOSXDO3B

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-370 SCHAFFNER-FN-370 Datasheet
1Mb / 5P
   Versatile Filtered Power Entry Module
FN-380 SCHAFFNER-FN-380 Datasheet
743Kb / 5P
   Versatile Filtered Power Entry Module
FN-390 SCHAFFNER-FN-390 Datasheet
619Kb / 5P
   Versatile Filtered Power Entry Module
logo
List of Unclassifed Man...
FN393-6-05-11 ETC2-FN393-6-05-11 Datasheet
466Kb / 3P
   Versatile fi ltered power entry module
logo
Schaffner International...
FN-9290 SCHAFFNER-FN-9290 Datasheet
2Mb / 7P
   Ultra Compact and Versatile Filtered Power Entry Module
logo
Bosch Sensortec GmbH
BMI055 BOSCH-BMI055 Datasheet
3Mb / 149P
   Small, versatile 6DoF sensor module
logo
Schaffner International...
FN-9280 SCHAFFNER-FN-9280 Datasheet
3Mb / 9P
   Ultra Compact and Versatile Filtered Power Entry Module
logo
List of Unclassifed Man...
BMI055 ETC2-BMI055 Datasheet
2Mb / 148P
   Small, versatile 6DoF sensor module
logo
Bosch Sensortec GmbH
BMX055 BOSCH-BMX055 Datasheet
3Mb / 172P
   Small, versatile 9-axis sensor module
logo
List of Unclassifed Man...
BMX055 ETC2-BMX055 Datasheet
3Mb / 172P
   Small, versatile 9-axis sensor module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com