Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV07H560K Datasheet(PDF) 3 Page - Tyco Electronics

Part # ROV07H560K
Description  7mm Series Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV07H560K Datasheet(HTML) 3 Page - Tyco Electronics

  ROV07H560K Datasheet HTML 1Page - Tyco Electronics ROV07H560K Datasheet HTML 2Page - Tyco Electronics ROV07H560K Datasheet HTML 3Page - Tyco Electronics ROV07H560K Datasheet HTML 4Page - Tyco Electronics ROV07H560K Datasheet HTML 5Page - Tyco Electronics ROV07H560K Datasheet HTML 6Page - Tyco Electronics ROV07H560K Datasheet HTML 7Page - Tyco Electronics ROV07H560K Datasheet HTML 8Page - Tyco Electronics ROV07H560K Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ROV07, ROV07H
7mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25481
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
3 of 10
DEVICE RATINGS AND CHARACTERISTICS
STANDARD SERIES
Varistor Voltage
V@1.0mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
V@10A
Maximum
Surge Current
(8x20us)
Rated
Wattage
Energy
(10x1000us)
Capacitance
(Typical)
Certifications
Part Number
(VDC)
Tolerance
Vrms
(VAC)
(VDC)
(VDC)
1
Time
(A)
2
Times
(A)
(W)
(J)
@1kHz
(pF)
ROV07-180M
18
± 20%
11
14
36
1)
1.2
2918
ROV07-220L
22
± 15%
14
18
43
1)
1.4
2933
ROV07-270K
27
17
22
53
1)
1.7
2344
ROV07-330K
33
20
26
65
1)
2.2
1840
ROV07-390K
39
25
31
77
1)
2.4
1817
ROV07-470K
47
30
38
93
1)
3.0
1595
ROV07-560K
56
35
45
110
1)
3.5
1333
ROV07-680K
68
40
56
135
1)
250
125
0.02
4.3
1119
ROV07-820K
82
50
65
135
5.5
643
ROV07-101K
100
60
85
165
7.0
535
ROV07-121K
120
75
100
200
8.0
457
ROV07-151K
150
95
125
250
11.0
371
ROV07-181K
180
115
150
300
13.0
215
ROV07-201K
200
130
170
340
14.3
224
♦ ●
ROV07-221K
220
140
180
360
15.5
190
♦ ●
ROV07-241K
240
150
200
395
16.8
185
♦ ●
ROV07-271K
270
175
225
455
19.8
161
♦ ●
ROV07-301K
300
195
250
505
21.0
135
♦ ●
ROV07-331K
330
210
275
550
23.0
141
♦ ●
ROV07-361K
360
230
300
595
26.0
117
♦ ●
ROV07-391K
390
250
320
650
30.0
110
♦ ●
ROV07-431K
430
275
350
710
33.0
111
♦ ●
ROV07-471K
470
300
385
775
35.0
102
♦ ●
ROV07-511K
510
320
418
842
37.0
100
♦ ●
ROV07-561K
560
350
460
920
39.0
87
♦ ●
ROV07-621K
620
385
505
1025
41.0
80
♦ ●
ROV07-681K
680
420
560
1120
43.0
82
♦ ●
ROV07-751K
750
460
615
1240
45.0
74
♦ ●
ROV07-781K
780
485
640
1290
46.0
70
♦ ●
ROV07-821K
820
± 10%
510
670
1355
1200
600
0.25
47.0
70
♦ ●
1).
The clamping voltage for devices ROV07-180M to ROV07-680K is tested with 2.5A current.


Similar Part No. - ROV07H560K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV07H MACOM-ROV07H Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07H241K-2 MACOM-ROV07H241K-2 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07H241K-AP MACOM-ROV07H241K-AP Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07H241K-S-2 MACOM-ROV07H241K-S-2 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07H241K-S-AP MACOM-ROV07H241K-S-AP Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
More results

Similar Description - ROV07H560K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1624 MACOM-A1624 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07 MACOM-ROV07 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
A1624 MACOM-A1624 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com