Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT351V7EFR8A Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HMT351V7EFR8A
Description  DDR3L SDRAM VLP Registered DIMM Based on 2Gb E-die
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT351V7EFR8A Datasheet(HTML) 5 Page - Hynix Semiconductor

  HMT351V7EFR8A Datasheet HTML 1Page - Hynix Semiconductor HMT351V7EFR8A Datasheet HTML 2Page - Hynix Semiconductor HMT351V7EFR8A Datasheet HTML 3Page - Hynix Semiconductor HMT351V7EFR8A Datasheet HTML 4Page - Hynix Semiconductor HMT351V7EFR8A Datasheet HTML 5Page - Hynix Semiconductor HMT351V7EFR8A Datasheet HTML 6Page - Hynix Semiconductor HMT351V7EFR8A Datasheet HTML 7Page - Hynix Semiconductor HMT351V7EFR8A Datasheet HTML 8Page - Hynix Semiconductor HMT351V7EFR8A Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
Rev. 0.1 / Dec. 2012
5
Pin Descriptions
Pin Name
Description
Num
ber
Pin Name
Description
Num
ber
CK0
Clock Input, positive line
1
ODT[1:0]
On Die Termination Inputs
2
CK0
Clock Input, negative line
1
DQ[63:0]
Data Input/Output
64
CK1
Clock Input, positive line
1
CB[7:0]
Data check bits Input/Output
8
CK1
Clock Input, negative line
1
DQS[8:0]
Data strobes
9
CKE[1:0]
Clock Enables
2
DQS[8:0]
Data strobes, negative line
9
RAS
Row Address Strobe
1
DM[8:0]/
DQS[17:9],
TDQS[17:9]
Data Masks / Data strobes,
Termination data strobes
9
CAS
Column Address Strobe
1
DQS[17:9],
TDQS[17:9]
Data strobes, negative line,
Termination data strobes
9
WE
Write Enable
1
EVENT
Reserved for optional hardware
temperature sensing
1
S[3:0]
Chip Selects
4
TEST
Memory bus test tool (Not Con-
nected and Not Usable on DIMMs)
1
A[9:0],A11,
A[15:13]
Address Inputs
14
RESET
Register and SDRAM control pin
1
A10/AP
Address Input/Autoprecharge
1
VDD
Power Supply
22
A12/BC
Address Input/Burst chop
1
VSS
Ground
59
BA[2:0]
SDRAM Bank Addresses
3
VREFDQ
Reference Voltage for DQ
1
SCL
Serial Presence Detect (SPD)
Clock Input
1
VREFCA
Reference Voltage for CA
1
SDA
SPD Data Input/Output
1
VTT
Termination Voltage
4
SA[2:0]
SPD Address Inputs
3
VDDSPD
SPD Power
1
Par_In
Parity bit for the Address and
Control bus
1
Err_Out
Parity error found on the
Address and Control bus
1


Similar Part No. - HMT351V7EFR8A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351V7EFR8C HYNIX-HMT351V7EFR8C Datasheet
873Kb / 58P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb E-die
HMT351V7EFR8C-H9 HYNIX-HMT351V7EFR8C-H9 Datasheet
873Kb / 58P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb E-die
HMT351V7EFR8C-PB HYNIX-HMT351V7EFR8C-PB Datasheet
873Kb / 58P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb E-die
HMT351V7EFR8C-RD HYNIX-HMT351V7EFR8C-RD Datasheet
873Kb / 58P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb E-die
More results

Similar Description - HMT351V7EFR8A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325V7CFR8A HYNIX-HMT325V7CFR8A Datasheet
1Mb / 68P
   DDR3L SDRAM VLP Registered DIMM Based on 2Gb C-die
HMT325R7EFR8A HYNIX-HMT325R7EFR8A Datasheet
1Mb / 70P
   DDR3L SDRAM Registered DIMM Based on 2Gb E-die
HMT325V7EFR8C HYNIX-HMT325V7EFR8C Datasheet
873Kb / 58P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb E-die
HMT325R7CFR8A HYNIX-HMT325R7CFR8A Datasheet
1Mb / 76P
   DDR3L SDRAM Registered DIMM Based on 2Gb C-die
HMT451V7MFR8A HYNIX-HMT451V7MFR8A Datasheet
1Mb / 67P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb M-die
HMT325V7CFR8C HYNIX-HMT325V7CFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb C-die
HMT451V7AFR8A HYNIX-HMT451V7AFR8A Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
logo
Samsung semiconductor
M393B1K73EB0 SAMSUNG-M393B1K73EB0 Datasheet
1Mb / 45P
   240pin Registered DIMM based on 2Gb E-die
logo
Hynix Semiconductor
HMT325U7EFR8A HYNIX-HMT325U7EFR8A Datasheet
1,012Kb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 2Gb E-Die
HMT325R7CFR8C HYNIX-HMT325R7CFR8C Datasheet
1Mb / 76P
   DDR3 SDRAM Registered DIMM Based on 2Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com