Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSK-S10-12UA-T Datasheet(PDF) 1 Page - CUI INC

Part # VSK-S10-12UA-T
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSK-S10-12UA-T Datasheet(HTML) 1 Page - CUI INC

  VSK-S10-12UA-T Datasheet HTML 1Page - CUI INC VSK-S10-12UA-T Datasheet HTML 2Page - CUI INC VSK-S10-12UA-T Datasheet HTML 3Page - CUI INC VSK-S10-12UA-T Datasheet HTML 4Page - CUI INC VSK-S10-12UA-T Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 03/08/2013
page 1 of 5
SERIES: VSK-S10-T
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise
efficiency
(Vdc)
max
(A)
max
(W)
typ
(mVp-p)
max
(%)
VSK-S10-3R3UA-T
3.3
2
6.6
50
70
VSK-S10-5UA-T
5
2
10
50
74
VSK-S10-9UA-T
9
1.1
10
50
76
VSK-S10-12UA-T
12
0.9
10.8
50
76
VSK-S10-15UA-T
15
0.7
10.5
50
78
VSK-S10-24UA-T
24
0.45
10.8
50
80
FEATURES
• up to 10 W continuous output
• encapsulated compact case
• universal input (85~264 Vac)
• single regulated output from 3.3~24 V
• over voltage, short circuit, and short circuit protection
• CE, UL safety approval
• efficiency up to 80%
PART NUMBER KEY
VSK-S10- XX UA-T
Output Voltage
Base Number
example of 10 W, single output


Similar Part No. - VSK-S10-12UA-T

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSK-S10-12UA CUI-VSK-S10-12UA Datasheet
200Kb / 4P
   AC-DC POWER SUPPLY
VSK-S10-12UA CUI-VSK-S10-12UA Datasheet
203Kb / 4P
   AC-DC POWER SUPPLY
VSK-S10-12UA CUI-VSK-S10-12UA Datasheet
374Kb / 6P
   AC-DC POWER SUPPLY
06/08/2015
More results

Similar Description - VSK-S10-12UA-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com