Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24257RGER Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24257RGER
Description  2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Integrated Current Sense Resistor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24257RGER Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24257RGER Datasheet HTML 7Page - Texas Instruments BQ24257RGER Datasheet HTML 8Page - Texas Instruments BQ24257RGER Datasheet HTML 9Page - Texas Instruments BQ24257RGER Datasheet HTML 10Page - Texas Instruments BQ24257RGER Datasheet HTML 11Page - Texas Instruments BQ24257RGER Datasheet HTML 12Page - Texas Instruments BQ24257RGER Datasheet HTML 13Page - Texas Instruments BQ24257RGER Datasheet HTML 14Page - Texas Instruments BQ24257RGER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
bq24257
bq24258
www.ti.com
SLUSBG0B – FEBRUARY 2013 – REVISED JULY 2013
PIN FUNCTIONS
PIN NAME
bq24257
bq24257
bq24258
bq24258
I/O
DESCRIPTION
YFF
RGE
YFF
RGE
IN
A5,B5,C5
19
A5,B5,C5
19
I
Input power supply. IN is connected to the external DC supply (AC adapter or
USB port). Bypass IN to PGND with >2
μF ceramic capacitor
PMID
D5
20
D5
20
I
Connection between blocking FET and high-side FET. Connect a 1
μF capacitor
from PMID to PGND as close to the PMID and PGND pins as possible
SW
A4,B4,C4
17-18
A4,B4,C4
17-18
O
Inductor Connection. Connect to the switching side of the external inductor.
BOOT
E5
21
E5
21
I
High Side MOSFET Gate Driver Supply. Connect a 0.033
μF ceramic capacitor
(voltage rating > 15 V) from BOOT to SW to supply the gate drive for the high
side MOSFETs.
PGND
A3,B3,C3,
15-16
A3,B3,C3,
15-16
Power Ground terminal. Connect to the ground plane of the circuit. For QFN
F3
D3,F3
only, connect to the thermal pad of the IC.
CSIN
A2,B2,C2
13-14
A2,B2,C2
13-14
I
System Voltage Sense and SMPS output filter connection. Connect CSIN to the
system output at the output bulk capacitors. Bypass CSIN locally with at least 1
μF.
BAT
A1,B1,C1
11-12
A1,B1,C1
11-12
I/O
Battery Connection. Connect to the positive terminal of the battery. Additionally,
bypass BAT with at least 20
μF capacitor to GND.
TS
F1
9
F1
9
I
Battery Pack NTC Monitor. Connect TS to the center tap of a resistor divider
from LDO to GND. The NTC is connected from TS to GND. The TS function
provides 4 thresholds for JEITA or PSE compatibility. See the NTC Monitor
section for more details on operation and selecting the resistor values.
VDPM
E4
23
E4
23
I
Input DPM Programming Input. Connect a resistor divider between IN and GND
with VDPM connected to the center tap to program the Input Voltage based
Dynamic Power Management threshold (VIN_DPM). The input current is
reduced to maintain the supply voltage at VIN_DPM. The reference for the
regulator is 1.2 V. Short pin to GND if external resistors are not desired—this
sets a default of 4.36 V for the input DPM threshold.
ISET
D1
10
D1
10
I
Charge Current Programming Input. Connect a resistor from ISET to GND to
program the fast charge current.
ILIM
F5
22
F5
22
I
Input Current Limit Programming Input. Connect a resistor from ILIM to GND to
program the input current limit for IN. The current limit is programmable from
0.5A to 2A. ILIM has no effect on the USB input. If an external resistor is not
desired, short to GND for a 2 A default setting.
CE
D4
1
D4
1
I
Charge Enable Active-Low Input. Connect CE to a high logic level to place the
battery charger in standby mode.
EN1
--
--
F2
5
I
Input Current Limit Configuration Inputs. Use EN1, EN2, and EN3 to control the
maximum input current and enable USB compliance. See Table 1 for
EN2
--
--
E2
6
I
programming details.
EN3
--
--
D2
3
I
PG
E1
8
E1
8
O
Power Good Open Drain Output. /PG is pulled low when a valid supply is
connected to IN. A valid supply is between VBAT+VSLP and VOVP. If no supply
is connected or the supply is out of this range, /PG is high impedance.
STAT
E3
7
E3
7
O
Status Output. STAT is an open-drain output that signals charging status and
fault interrupts. STAT pulls low during charging. STAT is high impedance when
charging is complete or the charger is disabled. When a fault occurs, a 256
μs
pulse is sent out as an interrupt for the host. STAT is enabled/disabled using the
EN_STAT bit in the control register. STAT will indicate recharge cycles. Connect
STAT to a logic rail using an LED for visual indication or through a 10 k
Ω
resistor to communicate with the host processor.
NC
--
--
--
2
Not connected
SCL
E2
6
--
--
I
I2C Interface Clock. Connect SCL to the logic rail through a 10 k
Ω resistor.
SDA
F2
5
I/O
I2C Interface Data. Connect SDA to the logic rail through a 10 k
Ω resistor.
D+
D3
2
--
--
I
BC1.2 compatible D+/D- Based Adapter Detection. Detects DCP, SDP, and
CDP. Also complies with the unconnected dead battery provision clause. D+
D-
D2
3
--
--
I
and D- are connected to the D+ and D- outputs of the USB port at power up.
Also includes the detection of Apple™ and TomTom™ adapters where a 500mA
input current limit is enabled.
LDO
F4
24
F4
24
O
LDO output. LDO is regulated to 4.9 V and drives up to 50 mA. Bypass LDO
with a 1
μF ceramic Capacitor. LDO is enabled when VUVLO < VIN < 19 V.
AGND
--
4
--
4
Analog Ground for QFN only. Connect to the thermal pad and the ground plane
of the circuit.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq24257 bq24258


Similar Part No. - BQ24257RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFR TI1-BQ24250CYFFR Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFT TI1-BQ24250CYFFT Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
More results

Similar Description - BQ24257RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Feeling Technology Corp...
FP8202 FEELING-FP8202 Datasheet
653Kb / 16P
   2A Switch-Mode Li-Ion Battery Charger
FP8203 FEELING-FP8203 Datasheet
654Kb / 16P
   2A Switch-Mode Li-Ion Battery Charger
logo
Texas Instruments
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
logo
Linear Technology
LTC4077 LINER-LTC4077 Datasheet
209Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com