Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1956024-5 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1956024-5
Description  Slimline PCB Relay SNR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1956024-5 Datasheet(HTML) 2 Page - Tyco Electronics

  1956024-5 Datasheet HTML 1Page - Tyco Electronics 1956024-5 Datasheet HTML 2Page - Tyco Electronics 1956024-5 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10-2012, Rev. 1012
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Slimline PCB Relay SNR (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +85°C
Category of environmental protection
IEC 61810
RTIII - wash tight
Vibration resistance (functional),
form A (NO) / form B (NC)
10/5g
Shock resistance (functional),
form A (NO) / form B (NC)
10/5g
Shock resistance (destructive)
30g
Terminal type
PCB-THT, plug-in
Mounting
PCB, socket
Weight
6g
Resistance to soldering heat THT
IEC 60068-2-20
260°C/5s2)
Packaging unit
tube/20 pcs., box/1000 pcs.
2) for flat pack version selective soldering is recommended
Accessories
For details see datasheet
Accessories Slim Interface Relay SNR
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
1 form C contact (1 CO)
1 form A contact (1 NO)
Vertical version
Flat pack version2)
S0258-AA
S0258-AB
S0258-AC
S0284-A
S0283-A
Version for DIN-rail socket
S0283-AB
2) for flat pack version selective soldering is recommended


Similar Part No. - 1956024-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1956024-5 TEC-1956024-5 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
More results

Similar Description - 1956024-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SNR MACOM-SNR_09 Datasheet
242Kb / 3P
   Slimline PCB Relay SNR
2-1393236-2 MACOM-2-1393236-2 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
2-1393236-1 MACOM-2-1393236-1 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
2-1393236-4 MACOM-2-1393236-4 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
V23092 MACOM-V23092 Datasheet
475Kb / 3P
   Slimline PCB Relay SNR
2-1393236-5 MACOM-2-1393236-5 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
PCN MACOM-PCN_09 Datasheet
192Kb / 2P
   Slimline PCB Relay PCN
logo
Picker Components
PC385 PICKER-PC385 Datasheet
218Kb / 2P
   Slimline Power PCB Relay
logo
Tyco Electronics
SNR MACOM-SNR_06 Datasheet
176Kb / 3P
   Slim PCB Relay SNR
2-1416100-0 MACOM-2-1416100-0 Datasheet
119Kb / 2P
   Accessories Slim Interface Relay SNR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com