Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1412 Datasheet(PDF) 8 Page - SMSC Corporation

Part # EMC1412
Description  Multiple Channel 1 Temperature Sensor with Beta Compensation
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1412 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button EMC1412 Datasheet HTML 4Page - SMSC Corporation EMC1412 Datasheet HTML 5Page - SMSC Corporation EMC1412 Datasheet HTML 6Page - SMSC Corporation EMC1412 Datasheet HTML 7Page - SMSC Corporation EMC1412 Datasheet HTML 8Page - SMSC Corporation EMC1412 Datasheet HTML 9Page - SMSC Corporation EMC1412 Datasheet HTML 10Page - SMSC Corporation EMC1412 Datasheet HTML 11Page - SMSC Corporation EMC1412 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
7
6
5
SMDATA
SMCLK
1
2
3
4
ALERT
VDD
DP
DN
THERM / ADDR
GND
Multiple Channel 1°C Temperature Sensor with Beta Compensation
Datasheet
Revision 1.41 (02-23-12)
8
SMSC EMC1412
DATASHEET
Chapter 3 Pin Description
SMDATA
SMCLK
1
2
3
4
ALERT
DN
THERM / ADDR
GND
Exposed pad
DP
VDD
8
7
6
5
Figure 3.1 EMC1412 Pin Diagram, MSOP-8
Figure 3.2 EMC1412 Pin Diagram, TDFN-8 2mm x 3mm
Table 3.1 EMC1412 Pin Description
PIN NUMBER
NAME
FUNCTION
TYPE
1
VDD
Power supply
Power
2
DP
External diode positive (anode) connection
AIO
3
DN
External diode negative (cathode) connection
AIO
4
THERM / ADDR
THERM - Active low Critical THERM output
signal - requires pull-up resistor
OD (5V)
ADDR - Selects SMBus address based on pull-
up resistor
OD (5V)
5
GND
Ground
Power
6ALERT
Active low digital ALERT output signal -
requires pull-up resistor
OD (5V)


Similar Part No. - EMC1412

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
EMC1412 MICROCHIP-EMC1412 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
EMC1412-1-AC3-TR MICROCHIP-EMC1412-1-AC3-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
EMC1412-1-AC3-TR MICROCHIP-EMC1412-1-AC3-TR Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
More results

Similar Description - EMC1412

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1413 SMSC-EMC1413 Datasheet
897Kb / 52P
   Multiple Channel 1 Temperature Sensors with Beta Compensation
logo
Microchip Technology
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
   Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
   1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
logo
Maxim Integrated Produc...
MAX6694 MAXIM-MAX6694 Datasheet
198Kb / 18P
   5-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 4/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com