Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC2859YMTF Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSC2859YMTF
Description  Low Frequency Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC2859YMTF Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSC2859YMTF Datasheet HTML 1Page - Fairchild Semiconductor KSC2859YMTF Datasheet HTML 2Page - Fairchild Semiconductor KSC2859YMTF Datasheet HTML 3Page - Fairchild Semiconductor KSC2859YMTF Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE1 Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
35
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
500
mA
PC
Collector Power Dissipation
150
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICEO
Collector Cut-off Current
VCB=35V, IE=0
0.1
µA
IEBO
Emitter Cut-off Current
VEB=5V, IC=0
0.1
µA
hFE1
hFE2
DC Current Gain
VCE=1V, IC=100mA
VCE=6V, IC=400mA
70
25
240
VCE (sat)
Collector-Emitter Saturation Voltage
IC=100mA, IB=10mA
0.1
0.25
V
VBE (on)
Base-Emitter On Voltage
VCE=1V, IC=100mA
0.8
1.0
V
fT
Current Gain-Bandwidth Product
VCE=6V, IC=20mA
300
MHz
Cob
Output Capacitance
VCB=6V, IE=0, f=1MHz
7
pF
Classification
O
Y
hFE1
70 ~ 140
120 ~ 240
1. Base 2. Emitter 3. Collector
KSC2859
Low Frequency Power Amplifier
• Complement to KSA1182
E1 O
Marking
hFE grade
1
2
3
SOT-23


Similar Part No. - KSC2859YMTF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC2859 SAMSUNG-KSC2859 Datasheet
64Kb / 2P
   NPN (LOW FREQUENCY POWER AMPLIFIER)
More results

Similar Description - KSC2859YMTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com