Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ256GA110 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC24FJ256GA110
Description  PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA110 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC24FJ256GA110 Datasheet HTML 5Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 6Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 7Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 8Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 9Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 10Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 11Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 12Page - Microchip Technology PIC24FJ256GA110 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2008-2013 Microchip Technology Inc.
DS80368N-page 9
PIC24FJ256GA110 FAMILY
22. Module: Core (Code Protection)
When General Segment Code Protection has
been enabled (GCP Configuration bit is pro-
grammed), applications are unable to write to the
first 512 bytes of the program memory space
(0000h through 0200h). In applications that may
require the interrupt vectors to be changed during
run time, such as bootloaders, modifications to the
interrupt vector tables will not be possible.
Work around
Create two new interrupt vector tables, one each
for the IVT and AIVT, in an area of program space
beyond the affected region. Map the addresses in
the old vector tables to the new tables. These new
tables can then be modified as needed to the
actual addresses of the ISRs.
Affected Silicon Revisions
23. Module: SPI/PPS
The ALTRP/ASCK1 functionality is not supported
by the A3 revision of this part family.
Work around
None.
Affected Silicon Revisions
24. Module: Oscillator (LPRC)
The LPRC may not automatically restart following
BOR events (i.e., when supply voltage sags to
between the BOR and POR thresholds, then
returns to above the BOR level). When this hap-
pens, systems that use the LPRC clock may not
work. This includes the PLL, Two-Speed Start-up,
Fail-Safe Clock Monitor and the WDT.
Work around
For PLL issues: Select a non-PLL Clock mode as
the initial start-up mode, using the FNOSC Config-
uration bits (CW2<10:8>). After the application has
initialized, switch to a PLL Clock mode in software
using the NOSC bits (OSCCON<10:8>). Allow
10 microseconds to elapse between application
start-up and a software clock switch.
For WDT issues: Disable the WDT by programming
the FWDTEN bit (CW1<7>). After the application
has initialized, enable the WDT in software by
setting the SWDTEN bit (RCON<5>). Allow
10 microseconds to elapse between application
start-up and setting SWDTEN.
Affected Silicon Revisions
25. Module: CTMU (A/D Trigger)
The CTMU may not trigger an automatic A/D con-
version after the current source is turned off. This
happens even when the A/D trigger control bit,
CTTRIG (CTMUCON<8>), has been set.
Work around
Perform a manual A/D conversion by clearing the
SAMP bit (AD1CON1<1>) immediately after the
CTMU current source has been stopped.
Affected Silicon Revisions
26. Module: Output Compare
In PWM mode, the output compare module may
miss a compare event when the current duty cycle
register (OCxRS) value is 0000h (0% duty cycle)
and the OCxRS register is updated with a value of
0001h. The compare event is only missed the first
time a value of 0001h is written to OCxRS and the
PWM output remains low for one PWM period.
Subsequent PWM high and low times occur as
expected.
Work around
If the current OCxRS register value is 0000h, avoid
writing a value of 0001h to OCxRS. Instead, write
a value of 0002h. In this case, however, the duty
cycle will be slightly different from the desired
value.
Affected Silicon Revisions
A3
A5
A6
X
A3
A5
A6
X
A3
A5
A6
X
A3
A5
A6
X
A3
A5
A6
X


Similar Part No. - PIC24FJ256GA110

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
5Mb / 22P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
11/29/12
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
PIC24FJ256GA110-I MICROCHIP-PIC24FJ256GA110-I Datasheet
3Mb / 292P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110_10 Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
More results

Similar Description - PIC24FJ256GA110

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GB106-I-PT MICROCHIP-PIC24FJ64GB106-I-PT Datasheet
370Kb / 22P
   PIC24FJ256GB110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ32GA002-I-ML MICROCHIP-PIC24FJ32GA002-I-ML Datasheet
216Kb / 24P
   PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC18F67J50-I MICROCHIP-PIC18F67J50-I Datasheet
271Kb / 16P
   PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
03/26/09
PIC18F46J50 MICROCHIP-PIC18F46J50 Datasheet
217Kb / 12P
   PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC18F46K80-E-PT MICROCHIP-PIC18F46K80-E-PT Datasheet
128Kb / 12P
   PIC18F66K80 Family Silicon Errata and Data Sheet Clarification
11/29/11
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
   Silicon Errata and Data Sheet Clarification
2011
KSZ8041 MICROCHIP-KSZ8041 Datasheet
136Kb / 4P
   KSZ8041 Silicon Errata and Data Sheet Clarification
05-05-16
ATSAME54P19A MICROCHIP-ATSAME54P19A Datasheet
249Kb / 22P
   SAM D5x/E5x Family Silicon Errata and Data Sheet Clarification
2017
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101_13 Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS202-EMM MICROCHIP-DSPIC33FJ06GS202-EMM Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com