Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS4018 Datasheet(PDF) 6 Page - Microchip Technology

Part # LPS4018
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LPS4018 Datasheet(HTML) 6 Page - Microchip Technology

Back Button LPS4018 Datasheet HTML 2Page - Microchip Technology LPS4018 Datasheet HTML 3Page - Microchip Technology LPS4018 Datasheet HTML 4Page - Microchip Technology LPS4018 Datasheet HTML 5Page - Microchip Technology LPS4018 Datasheet HTML 6Page - Microchip Technology LPS4018 Datasheet HTML 7Page - Microchip Technology LPS4018 Datasheet HTML 8Page - Microchip Technology LPS4018 Datasheet HTML 9Page - Microchip Technology LPS4018 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCP16321/2
DS22285A-page 6
© 2011 Microchip Technology Inc.
NOTES:


Similar Part No. - LPS4018

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS4018 COILCRAFT-LPS4018 Datasheet
432Kb / 2P
   Shielded Power Inductors
LPS4018-102NL COILCRAFT-LPS4018-102NL Datasheet
211Kb / 2P
   Shielded Power Inductors
LPS4018-102NLB COILCRAFT-LPS4018-102NLB Datasheet
204Kb / 2P
   Shielded Power Inductors LPS4018
LPS4018-102NLC COILCRAFT-LPS4018-102NLC Datasheet
204Kb / 2P
   Shielded Power Inductors LPS4018
LPS4018-102NLD COILCRAFT-LPS4018-102NLD Datasheet
204Kb / 2P
   Shielded Power Inductors LPS4018
More results

Similar Description - LPS4018

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16321 MICROCHIP-MCP16321_16 Datasheet
678Kb / 34P
   24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator
07/14/15
MCP16323T-ADJE MICROCHIP-MCP16323T-ADJE Datasheet
1Mb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
ACE Technology Co., LTD...
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
   High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com