Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33FJ64MC706A Datasheet(PDF) 8 Page - Microchip Technology

Part # DSPIC33FJ64MC706A
Description  16-bit Digital Signal Controllers up to 256 KB Flash and30 KB SRAM with Motor Control and Advanced Analog
Download  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64MC706A Datasheet(HTML) 8 Page - Microchip Technology

Back Button DSPIC33FJ64MC706A Datasheet HTML 4Page - Microchip Technology DSPIC33FJ64MC706A Datasheet HTML 5Page - Microchip Technology DSPIC33FJ64MC706A Datasheet HTML 6Page - Microchip Technology DSPIC33FJ64MC706A Datasheet HTML 7Page - Microchip Technology DSPIC33FJ64MC706A Datasheet HTML 8Page - Microchip Technology DSPIC33FJ64MC706A Datasheet HTML 9Page - Microchip Technology DSPIC33FJ64MC706A Datasheet HTML 10Page - Microchip Technology DSPIC33FJ64MC706A Datasheet HTML 11Page - Microchip Technology DSPIC33FJ64MC706A Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 374 page
background image
dsPIC33FJXXXMCX06A/X08A/X10A
DS70594D-page 8
 2009-2012 Microchip Technology Inc.
Pin Diagrams (Continued)
20
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
65
64
63
62
61
60
59
56
17
18
19
21
22
1
72
71
70
69
68
67
66
75
74
73
58
57
24
23
25
55
54
53
52
51
PGED2/SOSCI/CN1/RC13
OC1/RD0
IC3/RD10
IC2/RD9
IC1/RD8
IC4/RD11
SDA2/RA3
SCL2/RA2
OSC2/CLKO/RC15
OSC1/CLKIN/RC12
VDD
SCL1/RG2
SCK1/INT0/RF6
SDI1/RF7
SDO1/RF8
SDA1/RG3
U1RX/RF2
U1TX/RF3
VSS
PGEC2/SOSCO/T1CK/CN0/RC14
PWM3H/RE5
PWM4L/RE6
PWM4H/RE7
AN16/T2CK/T7CK/RC1
AN17/T3CK/T6CK/RC2
AN18/T4CK/T9CK/RC3
AN19/T5CK/T8CK/RC4
SCK2/CN8/RG6
VDD
TMS/RA0
AN20/FLTA/INT1/RE8
AN21/FLTB/INT2/RE9
AN5/QEB/CN7/RB5
AN4/QEA/CN6/RB4
AN3/INDX/CN5/RB3
AN2/SS1/CN4/RB2
SDI2/CN9/RG7
SDO2/CN10/RG8
RG15
VDD
SS2/CN11/RG9
MCLR
TDO/RA5
INT4/RA15
INT3/RA14
VSS
VSS
TDI/RA4
100-Pin TQFP
dsPIC33FJ128MC510A
dsPIC33FJ256MC510A
= Pins are up to 5V tolerant
PGEC3/AN1/CN3/RB1
PGED3/AN0/CN2/RB0


Similar Part No. - DSPIC33FJ64MC706A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ64MC706 MICROCHIP-DSPIC33FJ64MC706 Datasheet
228Kb / 10P
   Silicon Errata
2006
DSPIC33FJ64MC706 MICROCHIP-DSPIC33FJ64MC706 Datasheet
988Kb / 80P
   Flash Programming Specification
2007
DSPIC33FJ64MC706 MICROCHIP-DSPIC33FJ64MC706 Datasheet
5Mb / 340P
   16-Bit Digital Signal Controllers
02/04/09
DSPIC33FJ64MC706 MICROCHIP-DSPIC33FJ64MC706 Datasheet
5Mb / 340P
   High-Performance, 16-Bit Digital Signal Controllers
02/04/09
More results

Similar Description - DSPIC33FJ64MC706A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ128MC706A-HPT MICROCHIP-DSPIC33FJ128MC706A-HPT Datasheet
2Mb / 374P
   16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJ256MC710A-I MICROCHIP-DSPIC33FJ256MC710A-I Datasheet
2Mb / 374P
   16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJXXXGPX06A MICROCHIP-DSPIC33FJXXXGPX06A_12 Datasheet
2Mb / 362P
   16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
DSPIC33FJ256GP710A-I MICROCHIP-DSPIC33FJ256GP710A-I Datasheet
2Mb / 362P
   16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
DSPIC33FJ128GP306AT-IPT MICROCHIP-DSPIC33FJ128GP306AT-IPT Datasheet
2Mb / 362P
   16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
DSPIC33FJ32MC204T-IPT MICROCHIP-DSPIC33FJ32MC204T-IPT Datasheet
5Mb / 330P
   16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
11/29/11
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A_12 Datasheet
5Mb / 326P
   16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog
11/29/11
DSPIC33FJ64MC204-I MICROCHIP-DSPIC33FJ64MC204-I Datasheet
6Mb / 460P
   16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Motor Control PWM and Advanced Analog
11/29/11
DSPIC33FJ128GP802-E-MM MICROCHIP-DSPIC33FJ128GP802-E-MM Datasheet
6Mb / 436P
   16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Advanced Analog
11/29/11
DSPIC33FJ64GP204-I MICROCHIP-DSPIC33FJ64GP204-I Datasheet
6Mb / 436P
   16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Advanced Analog
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com